Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C4246AZI-L435 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY8C4246AZI-L435
Description  Programmable System-on-Chip
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C4246AZI-L435 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY8C4246AZI-L435 Datasheet HTML 4Page - Cypress Semiconductor CY8C4246AZI-L435 Datasheet HTML 5Page - Cypress Semiconductor CY8C4246AZI-L435 Datasheet HTML 6Page - Cypress Semiconductor CY8C4246AZI-L435 Datasheet HTML 7Page - Cypress Semiconductor CY8C4246AZI-L435 Datasheet HTML 8Page - Cypress Semiconductor CY8C4246AZI-L435 Datasheet HTML 9Page - Cypress Semiconductor CY8C4246AZI-L435 Datasheet HTML 10Page - Cypress Semiconductor CY8C4246AZI-L435 Datasheet HTML 11Page - Cypress Semiconductor CY8C4246AZI-L435 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
PSoC® 4: PSoC 4200-L Family
Datasheet
Document Number: 001-91686 Rev. *E
Page 8 of 46
UDBs can be clocked from a clock divider block, from a port
interface (required for peripherals such as SPI), and from the DSI
network directly or after synchronization.
A port interface is defined, which acts as a register that can be
clocked with the same source as the PLDs inside the UDB array.
This allows faster operation because the inputs and outputs can
be registered at the port interface close to the I/O pins and at the
edge of the array. The port interface registers can be clocked by
one of the I/Os from the same port. This allows interfaces such
as SPI to operate at higher clock speeds by eliminating the delay
for the port input to be routed over DSI and used to register other
inputs. The port interface is shown in Figure 7.
The UDBs can generate interrupts (one UDB at a time) to the
interrupt controller. The UDBs retain the ability to connect to any
pin on the chip through the DSI.
Figure 7. Port Interface
Fixed Function Digital
Timer/Counter/PWM (TCPWM) Block
The TCPWM block consists of four 16-bit counters with
user-programmable period length. There is a Capture register to
record the count value at the time of an event (which may be an
I/O event), a period register which is used to either stop or
auto-reload the counter when its count is equal to the period
register, and compare registers to generate compare value
signals, which are used as PWM duty cycle outputs. The block
also provides true and complementary outputs with program-
mable offset between them to allow use as deadband program-
mable complementary PWM outputs. It also has a Kill input to
force outputs to a predetermined state; for example, this is used
in motor drive systems when an overcurrent state is indicated
and the PWMs driving the FETs need to be shut off immediately
with no time for software intervention. The PSoC 4200-L has
eight TCPWM blocks.
Serial Communication Blocks (SCB)
The PSoC 4200-L has four SCBs, which can each implement an
I2C, UART, or SPI interface.
I2C Mode: The hardware I2C block implements a full
multi-master and slave interface (it is capable of multimaster
arbitration). This block is capable of operating at speeds of up to
1 Mbps (Fast Mode Plus) and has flexible buffering options to
reduce interrupt overhead and latency for the CPU. It also
supports EzI2C that creates a mailbox address range in the
memory of the PSoC 4200-L and effectively reduces I2C commu-
nication to reading from and writing to an array in memory. In
addition, the block supports an 8-deep FIFO for receive and
transmit which, by increasing the time given for the CPU to read
data, greatly reduces the need for clock stretching caused by the
CPU not having read data on time. The FIFO mode is available
in all channels and is very useful in the absence of DMA.
The I2C peripheral is compatible with the I2C Standard-mode,
Fast-mode, and Fast-mode Plus devices as defined in the NXP
I2C-bus specification and user manual (UM10204). The I2C bus
I/O is implemented with GPIO in open-drain modes.
UART Mode: This is a full-feature UART operating at up to
1 Mbps. It supports automotive single-wire interface (LIN),
infrared interface (IrDA), and SmartCard (ISO7816) protocols, all
of which are minor variants of the basic UART protocol. In
addition, it supports the 9-bit multiprocessor mode that allows
addressing of peripherals connected over common RX and TX
lines. Common UART functions such as parity error, break
detect, and frame error are supported. An 8-deep FIFO allows
much greater CPU service latencies to be tolerated.
SPI Mode: The SPI mode supports full Motorola SPI, TI SSP
(essentially adds a start pulse used to synchronize SPI Codecs),
and National Microwire (half-duplex form of SPI). The SPI block
can use the FIFO.
USB Device
A Full-speed USB 2.0 device interface is provided. It has a
Control endpoint and eight other endpoints. The interface has a
USB transceiver and can be operated from the IMO obviating the
need for a crystal oscillator.
Clock Selector
Block from
UDB
9
Digital
GlobalClocks
3 DSI Signals ,
1 I/O Signal
4
Reset Selector
Block from
UDB
2
2
Input Registers
Output Registers
To DSI
8
From DSI
8
8
8
Enables
8
From DSI
4
4
7
6
. . .
0
7
6
. . .
0
3
2
1
0
High Speed I/O Matrix
To Clock
Tree
[0]
[0]
[1]
[1]
[1]
[1]


Similar Part No. - CY8C4246AZI-L435

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C4246AZI-M443 CYPRESS-CY8C4246AZI-M443 Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C4246AZI-M445 CYPRESS-CY8C4246AZI-M445 Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C4246AZI-M475 CYPRESS-CY8C4246AZI-M475 Datasheet
3Mb / 42P
   Programmable System-on-Chip
More results

Similar Description - CY8C4246AZI-L435

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PSOC4XXX8-BLE CYPRESS-PSOC4XXX8-BLE Datasheet
4Mb / 47P
   Programmable System-on-Chip
PSOC4000 CYPRESS-PSOC4000 Datasheet
1Mb / 34P
   Programmable System-on-Chip
PSOC4100M CYPRESS-PSOC4100M Datasheet
3Mb / 41P
   Programmable System-on-Chip
PSOC4200M CYPRESS-PSOC4200M Datasheet
3Mb / 42P
   Programmable System-on-Chip
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C29466 CYPRESS-CY8C29466_10 Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36_10 Datasheet
3Mb / 112P
   Programmable System-on-Chip (PSoC짰)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com