Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CYW20734UA1KFFB3G Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CYW20734UA1KFFB3G
Description  Single-Chip Bluetooth Transceiver for Wireless Input Devices
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW20734UA1KFFB3G Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CYW20734UA1KFFB3G Datasheet HTML 7Page - Cypress Semiconductor CYW20734UA1KFFB3G Datasheet HTML 8Page - Cypress Semiconductor CYW20734UA1KFFB3G Datasheet HTML 9Page - Cypress Semiconductor CYW20734UA1KFFB3G Datasheet HTML 10Page - Cypress Semiconductor CYW20734UA1KFFB3G Datasheet HTML 11Page - Cypress Semiconductor CYW20734UA1KFFB3G Datasheet HTML 12Page - Cypress Semiconductor CYW20734UA1KFFB3G Datasheet HTML 13Page - Cypress Semiconductor CYW20734UA1KFFB3G Datasheet HTML 14Page - Cypress Semiconductor CYW20734UA1KFFB3G Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
Document Number: 002-14874 Rev. *S
Page 11 of 51
CYW20734
Table 5
 shows the recommended crystal specifications.
1.6.2 HID Peripheral Block
The peripheral blocks of the CYW20734 all run from a single 128 kHz low-power RC oscillator. The oscillator can be turned on at the
request of any of the peripherals. If the peripheral is not enabled, it shall not assert its clock request line.
The keyboard scanner is a special case, in that it may drop its clock request line even when enabled, and then reassert the clock
request line if a keypress is detected.
1.6.3 32 kHz Crystal Oscillator
Figure 4 shows the 32 kHz XTAL oscillator with external components and Table 6 lists the oscillator’s characteristics. It is a standard
Pierce oscillator using a comparator with hysteresis on the output to create a single-ended digital output. The hysteresis was added
to eliminate any chatter when the input is around the threshold of the comparator and is ~100 mV. This circuit can be operated with
a 32 kHz or 32.768 kHz crystal oscillator or be driven with a clock input at similar frequency. The default component values are: R1
= 10 MΩ and C1 = C2 = ~10 pF. The values of C1 and C2 are used to fine-tune the oscillator.
Figure 4. 32 kHz Oscillator Block Diagram
Table 5. Reference Crystal Electrical Specifications
Parameter
Conditions
Minimum
Typical
Maximum
Unit
Nominal frequency
24.000
MHz
Oscillation mode
Fundamental
Frequency tolerance
@25°C
±10
ppm
Tolerance stability over temp
@0°C to +70°C
±10
ppm
Equivalent series resistance
50
Load capacitance
12
pF
Operating temperature range
0
+70
°C
Storage temperature range
–40
+125
°C
Drive level
200
μW
Aging
±10
ppm/year
Shunt capacitance
2
pF
C2
C1
R1
32.768 kHz
XTAL


Similar Part No. - CYW20734UA1KFFB3G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW20730 CYPRESS-CYW20730 Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20730A1KFBG CYPRESS-CYW20730A1KFBG Datasheet
1Mb / 62P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20730A1KFBG CYPRESS-CYW20730A1KFBG Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20730A1KFBGT CYPRESS-CYW20730A1KFBGT Datasheet
1Mb / 62P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20730A1KFBGT CYPRESS-CYW20730A1KFBGT Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
More results

Similar Description - CYW20734UA1KFFB3G

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW20730 CYPRESS-CYW20730 Datasheet
979Kb / 50P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
BCM20730 CYPRESS-BCM20730 Datasheet
1Mb / 62P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20735 CYPRESS-CYW20735 Datasheet
4Mb / 55P
   Single-Chip Bluetooth Transceiver for Wireless Input Devices
CYW20733 CYPRESS-CYW20733 Datasheet
7Mb / 67P
   Single-Chip Bluetooth Transceiver Wireless Input Devices
CYW20707 CYPRESS-CYW20707 Datasheet
743Kb / 51P
   Bluetooth SoC for Embedded Wireless Devices
BCM20713A1KUBXGT CYPRESS-BCM20713A1KUBXGT Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20705 CYPRESS-BCM20705 Datasheet
1Mb / 67P
   Single-Chip Bluetooth Transceiver and Baseband Processor
BCM20713A1KUFBXG CYPRESS-BCM20713A1KUFBXG Datasheet
1Mb / 65P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20705 CYPRESS-CYW20705 Datasheet
705Kb / 51P
   Single-Chip Bluetooth Transceiver and Baseband Processor
CYW20704 CYPRESS-CYW20704 Datasheet
4Mb / 49P
   Single-Chip Bluetooth Transceiver and Baseband Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com