Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C65213-32LTXIT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C65213-32LTXIT
Description  USB-UART LP Bridge Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65213-32LTXIT Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C65213-32LTXIT Datasheet HTML 5Page - Cypress Semiconductor CY7C65213-32LTXIT Datasheet HTML 6Page - Cypress Semiconductor CY7C65213-32LTXIT Datasheet HTML 7Page - Cypress Semiconductor CY7C65213-32LTXIT Datasheet HTML 8Page - Cypress Semiconductor CY7C65213-32LTXIT Datasheet HTML 9Page - Cypress Semiconductor CY7C65213-32LTXIT Datasheet HTML 10Page - Cypress Semiconductor CY7C65213-32LTXIT Datasheet HTML 11Page - Cypress Semiconductor CY7C65213-32LTXIT Datasheet HTML 12Page - Cypress Semiconductor CY7C65213-32LTXIT Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
CY7C65213
CY7C65213A
Document Number: 001-81011 Rev. *M
Page 9 of 29
Electrical Specifications
Absolute Maximum Ratings
Exceeding maximum ratings [1] may shorten the useful life of the
device.
Storage temperature .................................... –55 °C to +100 °C
Ambient temperature with
power supplied (Industrial) ............................ –40 °C to +85 °C
Supply voltage to ground potential
VCCIO ................................................................................ 6.0 V
VCC ................................................................................... 6.0 V
VCCD ............................................................................... 1.95 V
VGPIO .................................................................. VCCIO + 0.5 V
Static discharge voltage ESD protection levels:
2.2-kV HBM per JESD22-A114
Latch-up current ........................................................... 140 mA
Maximum current per GPIO ............................................ 25 mA
Operating Conditions
TA (ambient temperature under bias)
Industrial ........................................................ –40 °C to +85 °C
VCC supply voltage .......................................... 3.15 V to 5.25 V
VCCIO supply voltage ....................................... 1.71 V to 5.50 V
VCCD supply voltage ........................................ 1.71 V to 1.89 V
Device-Level Specifications
All specifications are valid for –40 °C
 TA  85 °C, TJ  100 °C, and 1.71 V to 5.50 V, except where noted.
Table 3. DC Specifications
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
VCC
VCC supply voltage
3.15
3.30
3.45
V
Set and configure correct voltage
range using the configuration utility
for VCC.
4.35
5.00
5.25
V
VCCIO
VCCIO supply voltage
1.71
1.80
1.89
V
Used to set I/O voltage. Set and
configure the correct voltage range
using the configuration utility for
VCCIO.
2.0
3.3
5.5
V
VCCD
Output voltage (for core logic)
1.80
V
Do not use this supply to drive the
external device.
•1.71 V
 VCCIO 1.89 V: Short
VCCD pin with the VCCIO pin
•VCCIO > 2 V – connect a 1-µF
capacitor (Cefc) between the
VCCD pin and ground
Cefc
External Regulator voltage bypass
1.00
1.30
1.60
µF
X5R ceramic or better
ICC1
Operating supply current
13
18
mA
USB 2.0 FS,
UART at 1-Mbps single channel,
no GPIO switching at
VCC = 5 V, VCCIO = 5 V
ICC2
USB Suspend supply current
5
µA
Does not include current through the
pull-up resistor on USBDP
In USB suspend mode, the D+
voltage can go up to a maximum of
3.8 V.
Table 4. AC Specifications
Parameter
Description
Min
Typ
Max
Units
Details/Conditions
ZOUT
USB driver output impedance
28
44
As CY7C65213 has internal
termination resistors, external
resistors are not required.
Twakeup
Wakeup from USB Suspend mode
25
µs
Note
1. Usage above the absolute maximum conditions may cause permanent damage to the device. Exposure to Absolute Maximum conditions for extended periods of
time may affect device reliability. When used below Absolute Maximum conditions but above normal operating conditions, the device may not operate to specification.


Similar Part No. - CY7C65213-32LTXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C65210 CYPRESS-CY7C65210 Datasheet
278Kb / 19P
   USB Billboard Controller
CY7C65210-24LTXI CYPRESS-CY7C65210-24LTXI Datasheet
278Kb / 19P
   USB Billboard Controller
CY7C65210-24LTXIT CYPRESS-CY7C65210-24LTXIT Datasheet
278Kb / 19P
   USB Billboard Controller
CY7C65210A CYPRESS-CY7C65210A Datasheet
278Kb / 19P
   USB Billboard Controller
CY7C65210A-24LTXI CYPRESS-CY7C65210A-24LTXI Datasheet
278Kb / 19P
   USB Billboard Controller
More results

Similar Description - CY7C65213-32LTXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C64225 CYPRESS-CY7C64225 Datasheet
343Kb / 19P
   USB-to-UART Bridge Controller
logo
Megawin Technology Co.,...
MA100 MEGAWIN-MA100 Datasheet
276Kb / 9P
   UART-to- USB Bridge Controller
logo
Pericom Semiconductor C...
PI7C9X1172 PERICOM-PI7C9X1172 Datasheet
464Kb / 1P
   UART Bridge Controller
logo
STMicroelectronics
STEVAL-PCC018V1 STMICROELECTRONICS-STEVAL-PCC018V1 Datasheet
631Kb / 5P
   UART to USB bridge
February 2014 Rev 1
logo
Holtek Semiconductor In...
HT42B534-X HOLTEK-HT42B534-X Datasheet
2Mb / 16P
   USB to UART Bridge IC
HT42B534-1 HOLTEK-HT42B534-1 Datasheet
2Mb / 16P
   USB to UART Bridge IC
logo
List of Unclassifed Man...
CP2101 ETC-CP2101 Datasheet
348Kb / 14P
   Single-Chip USB to UART Bridge
CP2103 ETC1-CP2103 Datasheet
399Kb / 18P
   SINGLE-CHIP USB TO UART BRIDGE
logo
Silicon Laboratories
CP2102 SILABS-CP2102 Datasheet
408Kb / 18P
   SINGLE-CHIP USB TO UART BRIDGE
CP2101-GMR SILABS-CP2101-GMR Datasheet
445Kb / 20P
   Single-Chip USB to UART Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com