Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMP1255PUTG Datasheet(PDF) 5 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # SMP1255PUTG
Description  Benchmark setting protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

SMP1255PUTG Datasheet(HTML) 5 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  SMP1255PUTG Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMP1255PUTG Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMP1255PUTG Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMP1255PUTG Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMP1255PUTG Datasheet HTML 5Page - Sangdest Microelectronic (Nanjing) Co., Ltd SMP1255PUTG Datasheet HTML 6Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Technical Data
Green Products
Data Sheet N1749 Rev.-
• China - Germany - Korea - Singapore - United States •
• http://www.smc-diodes.com - sales@ smc-diodes.com •
SMP1255PUTG
Mechanical Dimensions —μDFN-6(1.8×2.0×0.55mm)
Embossed Carrier Tape & Reel Specification —μDFN-6
μDFN-6(1.8×2.0×0.55mm)
JEDEC MO-229
Symbol
Millimeters
Inches
Min
Typ
Max
Min
Typ
Max
A
0.50
0.55 0.60
0.020
0.022
0.024
A1
0.00
-
0.05
0.000
-
0.002
A3
0.15Ref
0.006Ref
D
1.75
1.80 1.85
0.069
0.071
0.073
E
1.95
2.00 2.05
0.077
0.079
0.081
b
0.15
0.20 0.25
0.006
0.008
0.010
L
0.20
0.30 0.40
0.008
0.012
0.016
D2
0.35
0.45 0.55
0.014
0.018
0.022
E2
0.74
0.84 0.94
0.029
0.033
0.037
e
0.40 BSC
0.016 BSC
e1
0.80 BSC
0.031 BSC
B
0.80 BSC
0.031 BSC
C
0.35
0.45 0.55
0.014
0.018
0.022
F
0.81
0.84 0.87
0.032
0.033
0.034
G
0.82
0.85 0.88
0.032
0.033
0.034
J
0.24
0.25 0.26
0.010
0.010
0.010
N
0.47
0.48 0.49
0.018
0.019
0.020
P
0.24
0.25 0.26
0.010
0.010
0.010
X
0.23
0.24 0.25
0.009
0.009
0.009
Y
0.35
0.36 0.37
0.014
0.014
0.014
Z
0.62
0.64 0.66
0.024
0.025
0.026
Symbol
Millimeters
A0
1.95+/-0.05
B0
2.30+/-0.05
D0
1.50+0.10
D1
Φ 0.60+0.05
E
1.75+/-0.10
F
3.50+/-0.05
K0
0.75+/-0.05
P0
2.00+/-0.05
P1
4.00+/-0.10
P2
4.00+/-0.10
T
0.25+/-0.02
W
8.00+0.30/-0.10
PIN 1 DOT
BY MARKING
Bottom View
Recommended
Soldering
Footprint
Top View
Side View
PIN #1 IDENTIFICATION
CHAMFER 0.2


Similar Part No. - SMP1255PUTG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMP12 VISHAY-SMP12 Datasheet
84Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
26-Jul-06
SMP12 VISHAY-SMP12 Datasheet
95Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 20-Oct-08
SMP12 VISHAY-SMP12 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 19-Apr-11
logo
SeCoS Halbleitertechnol...
SMP1240 SECOS-SMP1240 Datasheet
65Kb / 1P
   12 A Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
SMP12A VISHAY-SMP12A Datasheet
84Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
26-Jul-06
More results

Similar Description - SMP1255PUTG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-8ETL06SPBF VISHAY-VS-8ETL06SPBF Datasheet
190Kb / 9P
   Benchmark ultralow forward voltage drop
Revision: 15-Nov-16
logo
International Rectifier
IRF6717MTRPBF IRF-IRF6717MTRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
logo
Rohm
BD5225G-TR ROHM-BD5225G-TR Datasheet
474Kb / 16P
   Free Delay Time Setting Free Delay Time Setting
logo
Infineon Technologies A...
SDP20S30 INFINEON-SDP20S30_10 Datasheet
329Kb / 8P
   Silicon Carbide Schottky Diode Switching behavior benchmark
Rev. 1.5 2009-11-25
logo
NXP Semiconductors
MRF1K50HR5 NXP-MRF1K50HR5 Datasheet
3Mb / 2P
   1500W RF Power Transistor Sets New Benchmark
April 13, 2016
MRF1K50H NXP-MRF1K50H Datasheet
3Mb / 2P
   1500W RF Power Transistor Sets New Benchmark
April 13, 2016
logo
Nuvoton Technology Corp...
NAU8315 NUVOTON-NAU8315 Datasheet
1Mb / 43P
   Pin Selectable Gain Setting
logo
California Eastern Labs
THEVA12LVDR820 CEL-THEVA12LVDR820 Datasheet
898Kb / 6P
   Mode Setting & LVDS-Cable
logo
Unisonic Technologies
F2867G-P16-R UTC-F2867G-P16-R Datasheet
213Kb / 6P
   Minimum speed setting pin
logo
Omron Electronics LLC
E3G-L12 OMRON-E3G-L12 Datasheet
858Kb / 17P
   Distance-setting Photoelectric Sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com