Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PST24 Datasheet(PDF) 6 Page - Power System Technology

Part # PST24
Description  Standard product
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST24 Datasheet(HTML) 6 Page - Power System Technology

  PST24 Datasheet HTML 1Page - Power System Technology PST24 Datasheet HTML 2Page - Power System Technology PST24 Datasheet HTML 3Page - Power System Technology PST24 Datasheet HTML 4Page - Power System Technology PST24 Datasheet HTML 5Page - Power System Technology PST24 Datasheet HTML 6Page - Power System Technology PST24 Datasheet HTML 7Page - Power System Technology PST24 Datasheet HTML 8Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PST24 Rev. 01
Page 6 of 8
www.powersystemtechnology.com






 !"
# #!"


 $%
&' ('%
 )*%
+&'
&%
%
%
 )*
(&#& (&##&
)+,-
$"(&'"
 .)/(*+##
+(&+##.!,
01 /*
% 121 20
3% 121 222
+4%((5$("(&'"&
"'$"(&'"
'(&("#$"(&'""!&('$
"$'*#(&"
&67((((8&&9&8(:9
&(99$"(&'";.

(&99
/#7(((
9((%<.<
=-,/+,)+,),,+>)
%
 
, 
 
3(=130

+6(9&9!&'+&(((((
+
 
 
 
,=
)



1
1



)<
2
0


1 
?
?

?1

1
@
@
@
-
-
A
B
(#3
B
A
.
.
.
.
.
0.
0.
0.
02.<
02.<
2.<
2.<
Mechanical data
Mounting : 6* M3 standoff
   



  
 
 
 
 
!"#" 
$ %&
'!"
(!
 
 
$ %&

#!   ! #!  ! 
%')$*+
(# !"
,-.,%/# &'
'#!'-  ).
.0/&
 .1102
3 .1111,
'4 ##5##  !"!
" (# !"
"# ! # (# !"$  ! #"
 " &# !
!67 # ###8!! 9!  8# :   9 
 ! # 9 9 (# !"  ;   -

#!9 9
/7 ## #
<9## =-=
>*+)/')%')'%)$)'?%(.2
, ,
,,

(.2)+=
,,
' 6 #9! 9!"',!## ### $
,,
,,
,,
3#@%>3,
,
' $)>, !<
<  "6
$)>,
 # 3 >
*
*
A
B
3'  #>>3,
A
B
2-
2-
2-
2-
2-
0-
0-
0-
01-=
01-=
,1-=
,1-=
Mounting : 6* M3 standoff
H option


Similar Part No. - PST24

ManufacturerPart #DatasheetDescription
logo
Altech corporation
PST240 ALTECH-PST240 Datasheet
145Kb / 1P
   240W Three Phase Industrial DIN Rail Power Supply Pst-240 Series
PST240 ALTECH-PST240_1 Datasheet
98Kb / 2P
   240W Three Phase Industrial DIN Rail Power Supply
More results

Similar Description - PST24

ManufacturerPart #DatasheetDescription
logo
Power System Technology
PST22 PST-PST22 Datasheet
1Mb / 11P
   Standard product
PST23 PST-PST23 Datasheet
1Mb / 9P
   Standard product
PST26 PST-PST26 Datasheet
1Mb / 11P
   Standard product
logo
Mitsubishi Electric Sem...
M58609-04P MITSUBISHI-M58609-04P Datasheet
424Kb / 6P
   KEYBOARD ENCODER ( JIS CODE STANDARD PRODUCT )
logo
Molex Electronics Ltd.
PS-1462360001 MOLEX-PS-1462360001 Datasheet
1Mb / 13P
   Rectangular Standard NFC Antenna Product Specification
2021/03/17
logo
Power System Technology
CPCIAC PST-CPCIAC Datasheet
4Mb / 9P
   Standard product AC-DC CompactPCI짰 300W
logo
Hirose Electric
PCN12A-10P-2.54DS HIROSE-PCN12A-10P-2.54DS Datasheet
1Mb / 8P
   Product Compliant to DIN41612/IEC603-2 Standard
logo
PMC-Sierra, Inc
PM5345S PMC-PM5345S Datasheet
614Kb / 196P
   SATURN USER NETWORK INTERFACE TELECOM STANDARD PRODUCT
logo
II-VI Marlow, Inc.
CTA305-0001-01 VIMARLOW-CTA305-0001-01 Datasheet
355Kb / 2P
   AIR TO AIR TE EXCHANGER STANDARD PRODUCT
logo
PMC-Sierra, Inc
PM8621 PMC-PM8621 Datasheet
1Mb / 184P
   NSE-8G??Standard Product Data Sheet Preliminary
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com