Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PST14 Datasheet(PDF) 15 Page - Power System Technology

Part # PST14
Description  DC-DC conduction cooled from 150W to several kWs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

PST14 Datasheet(HTML) 15 Page - Power System Technology

Back Button PST14 Datasheet HTML 11Page - Power System Technology PST14 Datasheet HTML 12Page - Power System Technology PST14 Datasheet HTML 13Page - Power System Technology PST14 Datasheet HTML 14Page - Power System Technology PST14 Datasheet HTML 15Page - Power System Technology PST14 Datasheet HTML 16Page - Power System Technology PST14 Datasheet HTML 17Page - Power System Technology PST14 Datasheet HTML 18Page - Power System Technology PST14 Datasheet HTML 19Page - Power System Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
PST14 Rev. 00
Page 15 of 20
www.powersystemtechnology.com
H op�on + assembly example
PG-
PG+
+S
-S
Trim
O
X
Y
225mm
X
Y
6 holes D3.5mm
3.5
3
3.5
58
75.5
5
56
220.5
58
75.5
220.5
3
O
300mm
COR1
COR2
COR3
AL1
AL2
AL3
AL4
Graisse thermique à
mettre sous la câle
et les PST14
AL1
AL2
AL3
AL4
15 mm Heatsink
N+1 Bus Bar
E1
C1
C2
C3
C4
1
2
3
+Inh
-Inh -In
C1
C2
C3
C4
1
2
3
+Inh
-Inh -In
-OUT
Pr-
Pr+
Pr-
Pr+
+Inh
Inh+
Inh-
Inh-
+OUT
1
-OUT
Pr-
Pr+
Pr-
Pr+
+Inh
Inh+
Inh-
Inh-
+OUT
1
-OUT
Pr-
Pr+
Pr-
Pr+
+Inh
Inh+
Inh-
Inh-
+OUT
1
-OUT
Pr-
Pr+
Pr-
Pr+
+Inh
Inh+
Inh-
Inh-
+OUT
1
PST14A with H op�on
Example of PST14 assembly, 1500W, redundancy 3+1 mounted on heatsink for cabinet integra�on


Similar Part No. - PST14

ManufacturerPart #DatasheetDescription
logo
Power System Technology
PST10 PST-PST10 Datasheet
230Kb / 4P
   Industrial DIN RAIL mounting application
PST11 PST-PST11 Datasheet
222Kb / 4P
   This range of power supplies is specially designed
PST12 PST-PST12 Datasheet
263Kb / 3P
   Automobile bench of test designed for DIN Rail mounting applications
PST13 PST-PST13 Datasheet
226Kb / 4P
   Modular power supply for industrial & railways
PST15 PST-PST15 Datasheet
285Kb / 5P
   This range of power supplies is specially designed
More results

Similar Description - PST14

ManufacturerPart #DatasheetDescription
logo
Power System Technology
PST21A PST-PST21A Datasheet
2Mb / 13P
   AC-DC 1200W Conduction cooled
logo
Illinois Capacitor, Inc...
504HC6800K2EM8 ILLINOISCAPACITOR-504HC6800K2EM8 Datasheet
89Kb / 1P
   Conduction Cooled (High Density Resonant)
504HC6800K4TM6 ILLINOISCAPACITOR-504HC6800K4TM6 Datasheet
91Kb / 1P
   Conduction Cooled (High Density Resonant)
664HC6800K2EM8 ILLINOISCAPACITOR-664HC6800K2EM8 Datasheet
90Kb / 1P
   Conduction Cooled (High Density Resonant)
logo
TDK Electronics
PH-A280 TDK-PH-A280 Datasheet
132Kb / 2P
   50-150W, 200 to 425VDC Input DC-DC Converters
logo
Illinois Capacitor, Inc...
505HC6500K2EM8 ILLINOISCAPACITOR-505HC6500K2EM8 Datasheet
89Kb / 1P
   Conduction Cooled(High Density Reasnot)
logo
TECHNOLOGY ASSISTANCE B...
TDCP-800-12 TAB-TDCP-800-12 Datasheet
203Kb / 2P
   CONDUCTION COOLED SWITCHING POWER SUPPLIES
logo
Illinois Capacitor, Inc...
135HC6700K4TM6 ILLINOISCAPACITOR-135HC6700K4TM6 Datasheet
86Kb / 1P
   Conduction Cooled (High Density Resonant)
334HC6102K4TM6 ILLINOISCAPACITOR-334HC6102K4TM6 Datasheet
91Kb / 1P
   Conduction Cooled (High Density Resonant)
265HC6600K2EM8 ILLINOISCAPACITOR-265HC6600K2EM8 Datasheet
90Kb / 1P
   Conduction Cooled (High Density Resonant)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com