Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZ5-M0-WX-XX Datasheet(PDF) 9 Page - Seoul Semiconductor

Part # SZ5-M0-WX-XX
Description  Super high Flux output and high
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SZ5-M0-WX-XX Datasheet(HTML) 9 Page - Seoul Semiconductor

Back Button SZ5-M0-WX-XX Datasheet HTML 5Page - Seoul Semiconductor SZ5-M0-WX-XX Datasheet HTML 6Page - Seoul Semiconductor SZ5-M0-WX-XX Datasheet HTML 7Page - Seoul Semiconductor SZ5-M0-WX-XX Datasheet HTML 8Page - Seoul Semiconductor SZ5-M0-WX-XX Datasheet HTML 9Page - Seoul Semiconductor SZ5-M0-WX-XX Datasheet HTML 10Page - Seoul Semiconductor SZ5-M0-WX-XX Datasheet HTML 11Page - Seoul Semiconductor SZ5-M0-WX-XX Datasheet HTML 12Page - Seoul Semiconductor SZ5-M0-WX-XX Datasheet HTML 13Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
www.seoulsemicon.com
Product Data Sheet
SZ5-M0-WX-XX - High-power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
9
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev2.1
Characteristics Graph
 차트 사각형에 차트의 X축/ Y축을 맞춘다.
0
20
40
60
80
100
120
140
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Ambient Temperature [
o
C]
Fig 9. Maximum Forward Current vs. Ambient Temperature, T
j(max.) = 150℃, IF =1500mA
Rth(j-a)=15℃/W
Rth(j-a)=20℃/W
Rth(j-a)=25℃/W
1600
1400
1200
1000
800
600
400
200
1400
1400


Similar Part No. - SZ5-M0-WX-XX

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SZ5-M0 SEOUL-SZ5-M0 Datasheet
954Kb / 24P
   Superior high Flux for High Current System
More results

Similar Description - SZ5-M0-WX-XX

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
P50360 SEOUL-P50360 Datasheet
406Kb / 7P
   Super high Flux output and high
SAWW8X1A SEOUL-SAWW8X1A Datasheet
2Mb / 23P
   Super high Flux output and high Luminance
XZ20360 SEOUL-XZ20360 Datasheet
518Kb / 17P
   Super high Flux output and high Luminance
X42180-08 SEOUL-X42180-08 Datasheet
4Mb / 1P
   Super high flux output and high luminance
W49180-08 SEOUL-W49180-08 Datasheet
2Mb / 14P
   Super high flux output and high luminance
X42180-07 SEOUL-X42180-07 Datasheet
3Mb / 29P
   Super high flux output and high luminance
SZ5P SEOUL-SZ5P Datasheet
490Kb / 21P
   Super high Flux output and high Luminance
SSC-SZ5-M SEOUL-SSC-SZ5-M Datasheet
1Mb / 22P
   Super high Flux output and high Luminance
SSC-SZ5-P SEOUL-SSC-SZ5-P Datasheet
846Kb / 22P
   Super high Flux output and high Luminance
SZW05A0B SEOUL-SZW05A0B Datasheet
728Kb / 22P
   Super high Flux output and high Luminance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com