Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SYT802-SC Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # SYT802-SC
Description  PLCC4 Yellow Color
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SYT802-SC Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button SYT802-SC Datasheet HTML 7Page - Seoul Semiconductor SYT802-SC Datasheet HTML 8Page - Seoul Semiconductor SYT802-SC Datasheet HTML 9Page - Seoul Semiconductor SYT802-SC Datasheet HTML 10Page - Seoul Semiconductor SYT802-SC Datasheet HTML 11Page - Seoul Semiconductor SYT802-SC Datasheet HTML 12Page - Seoul Semiconductor SYT802-SC Datasheet HTML 13Page - Seoul Semiconductor SYT802-SC Datasheet HTML 14Page - Seoul Semiconductor SYT802-SC Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
www.seoulsemicon.com
Product Data Sheet
SYT802-SC
– 802 Series Amber
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
11
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.0, June 16, 2016
Color Bin Structure
 Color Bin CIE 그래프는 한 장에 넣는다.
Table 3. Bin Code description, I
F = 50mA
*Notes :
(1) All measurements were made under the standardized environment of Seoul Semiconductor
In order to ensure availability, single color rank will not be orderable.
Available ranks
Part Number
Luminous Intensity
(mcd)
Dominant Wavelength
(nm)
Forward Voltage
(V
F)
Bin
Code
Min.
Max.
Bin
Code
Min.
Max.
Bin
Code
Min.
Max.
SYT802-SC
0
1120
1400
l
586
589
y
1.75
1.90
1
1400
1800
m
589
592
z
1.90
2.05
2
1800
2240
n
592
595
a
2.05
2.20
o
595
598
b
2.20
2.35
c
2.35
2.50
d
2.50
2.65


Similar Part No. - SYT802-SC

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SYT802-SB SEOUL-SYT802-SB Datasheet
908Kb / 24P
   Applicable for automotive Exterior light
More results

Similar Description - SYT802-SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBLP677-Y ETC1-QBLP677-Y Datasheet
520Kb / 9P
   PLCC4 Yellow LED
QBLP677-Y ETC2-QBLP677-Y Datasheet
520Kb / 9P
   PLCC4 Yellow LED
logo
TT Electronics.
OVSARGB4R8 TTELEC-OVSARGB4R8 Datasheet
392Kb / 7P
   Full Color PLCC4 LED
logo
OPTEK Technologies
OVSARGB3R8 OPTEK-OVSARGB3R8 Datasheet
815Kb / 8P
   Full Color PLCC4 LED
logo
TT Electronics.
OVSARGB3R8 TTELEC-OVSARGB3R8 Datasheet
818Kb / 8P
   Full Color PLCC4 LED
logo
Visual Communications C...
VAOS-SP4RGB4 VCC-VAOS-SP4RGB4 Datasheet
1Mb / 12P
   Full Color PLCC4 Type SMD LED
logo
E-SWITCH
52-PV8F2Y0SS351 E-SWITCH-52-PV8F2Y0SS351 Datasheet
136Kb / 1P
   14. ILLUMINATION COLOR: YELLOW (FORWARD), YELLOW (REVERSE)
logo
NTE Electronics
NTE30109 NTE-NTE30109 Datasheet
83Kb / 2P
   LED − Dual Color 5mm Yellow/Yellow Green
NTE30101 NTE-NTE30101 Datasheet
83Kb / 2P
   LED − Dual Color 3mm Yellow/Yellow Green
NTE30105 NTE-NTE30105 Datasheet
83Kb / 2P
   LED − Dual Color 5mm Yellow/Yellow Green
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com