Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STW9C2SB-NZ Datasheet(PDF) 6 Page - Seoul Semiconductor

Part # STW9C2SB-NZ
Description  Thermally Enhanced Package Design
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW9C2SB-NZ Datasheet(HTML) 6 Page - Seoul Semiconductor

Back Button STW9C2SB-NZ Datasheet HTML 2Page - Seoul Semiconductor STW9C2SB-NZ Datasheet HTML 3Page - Seoul Semiconductor STW9C2SB-NZ Datasheet HTML 4Page - Seoul Semiconductor STW9C2SB-NZ Datasheet HTML 5Page - Seoul Semiconductor STW9C2SB-NZ Datasheet HTML 6Page - Seoul Semiconductor STW9C2SB-NZ Datasheet HTML 7Page - Seoul Semiconductor STW9C2SB-NZ Datasheet HTML 8Page - Seoul Semiconductor STW9C2SB-NZ Datasheet HTML 9Page - Seoul Semiconductor STW9C2SB-NZ Datasheet HTML 10Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
www.seoulsemicon.com
Product Data Sheet
STW9C2SB-NZ
– Mid-Power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
6
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.0, May 4, 2016
Characteristics Graph
 차트 사각형에 차트의 X축/ Y축을 맞춘다.
Fig 3. Forward Voltage vs. Forward Current, T
j = 25ºC
Fig 4. Forward Current vs. Relative Luminous Intensity, T
j = 25ºC
0
1
2
3
4
5
6
7
8
0
50
100
150
200
Forward Voltage [V]
0
20
40
60
80
100
120
140
160
180
200
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Forward Current [mA]


Similar Part No. - STW9C2SB-NZ

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
STW9C2SB SEOUL-STW9C2SB Datasheet
1Mb / 31P
   High Color Quality with CRI Min.90
More results

Similar Description - STW9C2SB-NZ

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
STW8C2PA SEOUL-STW8C2PA Datasheet
1Mb / 31P
   Thermally Enhanced Package Design
STW9C2SA SEOUL-STW9C2SA Datasheet
1Mb / 32P
   Thermally Enhanced Package Design
STW8C2SB-NZ SEOUL-STW8C2SB-NZ Datasheet
1Mb / 30P
   Thermally Enhanced Package Design
STW7C12Y SEOUL-STW7C12Y Datasheet
886Kb / 25P
   Thermally Enhanced Package Design
STW8B12B-NZ SEOUL-STW8B12B-NZ Datasheet
812Kb / 24P
   Thermally Enhanced Package Design
STW8B12B SEOUL-STW8B12B Datasheet
871Kb / 30P
   Thermally Enhanced Package Design
STW8B12G SEOUL-STW8B12G Datasheet
911Kb / 29P
   Thermally Enhanced Package Design
STW9B12G SEOUL-STW9B12G Datasheet
718Kb / 24P
   Thermally Enhanced Package Design
STW7C2SA SEOUL-STW7C2SA Datasheet
1Mb / 31P
   Thermally Enhanced Package Design
STW8B12C SEOUL-STW8B12C Datasheet
894Kb / 31P
   Thermally Enhanced Package Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com