Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STW7C12Y Datasheet(PDF) 10 Page - Seoul Semiconductor

Part # STW7C12Y
Description  Thermally Enhanced Package Design
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW7C12Y Datasheet(HTML) 10 Page - Seoul Semiconductor

Back Button STW7C12Y Datasheet HTML 6Page - Seoul Semiconductor STW7C12Y Datasheet HTML 7Page - Seoul Semiconductor STW7C12Y Datasheet HTML 8Page - Seoul Semiconductor STW7C12Y Datasheet HTML 9Page - Seoul Semiconductor STW7C12Y Datasheet HTML 10Page - Seoul Semiconductor STW7C12Y Datasheet HTML 11Page - Seoul Semiconductor STW7C12Y Datasheet HTML 12Page - Seoul Semiconductor STW7C12Y Datasheet HTML 13Page - Seoul Semiconductor STW7C12Y Datasheet HTML 14Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
www.seoulsemicon.com
Product Data Sheet
STW7C12Y
– Mid-Power LED
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
10
글씨체는 : Arial, 10pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.0, May 4, 2016
Color Bin Structure
 Color Bin CIE 그래프는 한 장에 넣는다.
Part Number
Luminous
Intensity (cd) [2]
Color Chromaticity
Coordinate
Typical Forward Voltage (V)
Bin
Code
Min.
Max.
Bin
Code
Min.
Max.
STW9C12Z
R0
8.0
78.0
Refer to page.11
Y1
2.8
3.0
S0
78.0
85.5
Y2
3.0
3.2
T0
85.5
93.6
Y3
3.2
3.4
Table 4. Bin Code description, T
j=25℃, IF=150mA
*Notes :
(1) ) Seoul Semiconductor maintains a tolerance of
7% on Flux and power measurements.
The luminous Flux was measured at the peak of the spatial pattern which may not be
aligned with the mechanical axis of the LED package.
•All measurements were made under the standardized environment of Seoul Semiconductor.
In order to ensure availability, single color rank will not be orderable.
Part Number
Luminous Flux
(lm) [1]
Color Chromaticity
Coordinate
Forward Voltage (V)
Bin
Code
Min.
Max.
Bin Code
Min.
Max.
STW7C12Y
R1
41.5
48.0
Refer to page.11
G
2.75
3.00
R2
48.0
54.0
H
3.00
3.25
S1
54.0
60.0
I
3.25
3.50


Similar Part No. - STW7C12Y

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
STW7C12C-E0 SEOUL-STW7C12C-E0 Datasheet
1Mb / 32P
   Achieving the best system cost in Mid/High Power
More results

Similar Description - STW7C12Y

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
STW8C2PA SEOUL-STW8C2PA Datasheet
1Mb / 31P
   Thermally Enhanced Package Design
STW9C2SA SEOUL-STW9C2SA Datasheet
1Mb / 32P
   Thermally Enhanced Package Design
STW8C2SB-NZ SEOUL-STW8C2SB-NZ Datasheet
1Mb / 30P
   Thermally Enhanced Package Design
STW8B12B-NZ SEOUL-STW8B12B-NZ Datasheet
812Kb / 24P
   Thermally Enhanced Package Design
STW8B12B SEOUL-STW8B12B Datasheet
871Kb / 30P
   Thermally Enhanced Package Design
STW8B12G SEOUL-STW8B12G Datasheet
911Kb / 29P
   Thermally Enhanced Package Design
STW9B12G SEOUL-STW9B12G Datasheet
718Kb / 24P
   Thermally Enhanced Package Design
STW9C2SB-NZ SEOUL-STW9C2SB-NZ Datasheet
1Mb / 30P
   Thermally Enhanced Package Design
STW7C2SA SEOUL-STW7C2SA Datasheet
1Mb / 31P
   Thermally Enhanced Package Design
STW8B12C SEOUL-STW8B12C Datasheet
894Kb / 31P
   Thermally Enhanced Package Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com