Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJF-2D16W4PD Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # SMJF-2D16W4PD
Description  Connects directly to AC line voltage
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SMJF-2D16W4PD Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button SMJF-2D16W4PD Datasheet HTML 7Page - Seoul Semiconductor SMJF-2D16W4PD Datasheet HTML 8Page - Seoul Semiconductor SMJF-2D16W4PD Datasheet HTML 9Page - Seoul Semiconductor SMJF-2D16W4PD Datasheet HTML 10Page - Seoul Semiconductor SMJF-2D16W4PD Datasheet HTML 11Page - Seoul Semiconductor SMJF-2D16W4PD Datasheet HTML 12Page - Seoul Semiconductor SMJF-2D16W4PD Datasheet HTML 13Page - Seoul Semiconductor SMJF-2D16W4PD Datasheet HTML 14Page - Seoul Semiconductor SMJF-2D16W4PD Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Rev1.2, Apr 1, 2016
www.seoulsemicon.com
Product Data Sheet
SMJF-2D16W4PX - Acrich3 16.6W
11
Color Bin Structure
 Color Bin CIE 그래프는 한 장에 넣는다.
Bin
x
y
Bin
x
y
Bin
x
y
BM
0.3266
0.3428
CM
0.3427
0.3568
EM
0.3806
0.3822
0.3268
0.3371
0.3423
0.3504
0.3786
0.3745
0.3319
0.3416
0.3476
0.3547
0.3846
0.3782
0.3319
0.3476
0.3482
0.3613
0.3870
0.3861
GM
0.4336
0.4067
HM
0.4581
0.4143
0.4294
0.3977
0.4531
0.4051
0.4354
0.3999
0.4589
0.4065
0.4398
0.4089
0.4641
0.4157
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
0.50
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
3700K
4200K
4700K
H
E
G
C
B
5300K
2900K
2600K
3200K
6000K
x
ANSI
MacAdam 3-Step


Similar Part No. - SMJF-2D16W4PD

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJF-2D16W4P3 SEOUL-SMJF-2D16W4P3 Datasheet
1Mb / 24P
   Integrated AC LED Solution
SMJF-2D16W4P8 SEOUL-SMJF-2D16W4P8 Datasheet
1Mb / 24P
   Integrated AC LED Solution
SMJF-2D16W4PX SEOUL-SMJF-2D16W4PX Datasheet
1Mb / 24P
   Integrated AC LED Solution
More results

Similar Description - SMJF-2D16W4PD

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJD-XD12W4PD SEOUL-SMJD-XD12W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XC16W4PD SEOUL-SMJD-XC16W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XD16W4PD SEOUL-SMJD-XD16W4PD Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XD16W4P3 SEOUL-SMJD-XD16W4P3 Datasheet
1Mb / 25P
   Connects directly to AC line voltage
SMJD-XD12W4P3 SEOUL-SMJD-XD12W4P3 Datasheet
1Mb / 23P
   Connects directly to AC line voltage
SMJD-XH16W4PD SEOUL-SMJD-XH16W4PD Datasheet
1Mb / 28P
   Connects directly to AC line voltage
SMJE-3V08W1P3 SEOUL-SMJE-3V08W1P3_13 Datasheet
751Kb / 21P
   Acrich2 - 220V 8.7W Bulb Connects directly to AC line voltage
SMJE-2V08W1P3 SEOUL-SMJE-2V08W1P3_13 Datasheet
735Kb / 21P
   Acrich2 - 120V 8.5W Bulb Connects directly to AC line voltage
SMJE-2V12W1P3 SEOUL-SMJE-2V12W1P3_13 Datasheet
769Kb / 19P
   Acrich2 -120V 13W Bulb Connects directly to AC line voltage
SMJE-3V12W1P3 SEOUL-SMJE-3V12W1P3 Datasheet
770Kb / 19P
   Acrich2 - 220V 13W Bulb Connects directly to AC line voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com