Electronic Components Datasheet Search |
|
SMJD-XD16W4PD Datasheet(PDF) 1 Page - Seoul Semiconductor |
|
SMJD-XD16W4PD Datasheet(HTML) 1 Page - Seoul Semiconductor |
1 / 25 page SMJD-XD16W4PX - Acrich3 16.6W Product Data Sheet Product Brief Description Key Applications Features and Benefits www.seoulsemicon.com 1 제품사진 •아래규격에 부합하는 이미지만 가능: 없을 경우 마케팅 팀에 의뢰 •고해상도 •흰 배경 •표준크기: 제품이 가득 차게 가로 5cm 규격 으로 사각 위치에 맞게 (가로세로 비율 고정) Key Message: - ex) Enabling high flux systems while reduces LED count - ex) Enabling compact systems with high reliability - ex) High reliability and High quality of light - ex) Flicker-free AC/DC LED Solution - ex) High-efficient Dimming Solution Product Family: - ex) Mid-Power LED - ex) High-Power LED for Automotive - ex) Chip on Board Product ID (part number): - ex) STW8C2SA - ex) SZ5-M0-WN-C8 Description • Features and Benefits • Key Applications • •표는 반드시 “Table 번호#. 표 설명” 을 제목으로 한다. Certificate 아이콘 삽입 (해당되는 아이콘 오른쪽 에서 왼쪽방향으로 순차 삽입) Font 글씨체 표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body) – Arial 9pt Rev1.2, Apr 1, 2016 Integrated AC LED Solution SMJD-XD16W4PX Acrich3 – 16.6W • The Acrich3 series of products are designed to be driven directly off of AC line voltage, therefore they do not need the standard converter essential for conventional general lighting products. • The converter or driver found in most general lighting products can limit the overall life of the product, but with the Acrich3 series of products the life of the product can more closely be estimated from the LED itself. This will also allow for a much smaller form factor from an overall fixture design allowing for higher creativity in the fixture. • The modules have a high power factor which can contribute to a higher energy savings in the end application. Table 1. Product Selection (CCT) RoHS TV, PC, NB, MNT, Mobile Automotive Lighting, MR16, PAR, down light Bulb, LFT Outdoor, streetlight, tunnel, parking Home appliance Architectural, Entertainment Sign, Channel Sensor, Torch Application 응용제품 아이콘 삽입 (왼쪽 하단부터 오른쪽방향 순차 삽입) Troffer, Highbay RoHS LM-80 MacAdam 3-Step • Down Llight • Connects directly to AC line voltage • High Power Efficiency & Factor • Low THD • Long Life Time • Simple BOM • Miniaturization • Lead Free Product • RoHS Compliant • TRIAC Dimming Table 2. Product Selection (Flux) Part No. Vin [Vac] P [W] Color CCT [K] CRI Min. SMJD-2D16W4PD SMJD-3D16W4PD 120 220 16.6 Cool 4700 – 6000 80 Neutral 3700 – 4200 SMJD-2D16W4PE SMJD-3D16W4PE 120 220 90 Warm 2600 - 3200 Part No. Vin [Vac] P [W] Flux [lm] Remark Min. Typ. SMJD-2D16W4PD SMJD-3D16W4PD 120 220 16.6 1350 1450 16a 1450 1600 16b 1600 1750 16c SMJD-2D16W4PE SMJD-3D16W4PE 120 220 16.6 1250 1350 16a |
Similar Part No. - SMJD-XD16W4PD |
|
Similar Description - SMJD-XD16W4PD |