Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR16C850CQ Datasheet(PDF) 5 Page - Exar Corporation

Part # XR16C850CQ
Description  UART with 128-byte FIFO?셲 FIFO Counters and Half-duplex Control
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR16C850CQ Datasheet(HTML) 5 Page - Exar Corporation

  XR16C850CQ Datasheet HTML 1Page - Exar Corporation XR16C850CQ Datasheet HTML 2Page - Exar Corporation XR16C850CQ Datasheet HTML 3Page - Exar Corporation XR16C850CQ Datasheet HTML 4Page - Exar Corporation XR16C850CQ Datasheet HTML 5Page - Exar Corporation XR16C850CQ Datasheet HTML 6Page - Exar Corporation XR16C850CQ Datasheet HTML 7Page - Exar Corporation XR16C850CQ Datasheet HTML 8Page - Exar Corporation XR16C850CQ Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
XR16C850
5
Rev. 1.20
A0
28
31
28
31
I
Address-0 Select Bit - Internal registers address
selection in PC and STD modes.
A1
27
30
27
30
I
Address-1 Select Bit Internal registers address
selection in PC and STD modes
A2
26
29
26
29
I
Address-2 Select Bit Internal registers address
selection in PC and STD modes
A3 / IOR
22
25
20
22
I
Address-3 Select Bit or Input/Output Read (dual
function) - When the PC mode is selected, this pin
is used as 4th address line to decode the COM1-4
and LPT ports. During STD mode operation this pin
is used as Read strobe. Its function is the same as
-IOR (see -IOR), except it is active high. Either an
active -IOR or IOR is required to transfer data from
850 to CPU during a read operation. Connect this
pin to GND when –IOR is used.
A4
-
12
6
6
I
Address-4 Select Bit (internal pull-up) - When the
PC mode is selected, this pin is used as 5th address
line to decode the COM1-4 and LPT ports. This pin
has no function in the STD mode.
A5 / CS0
12
14
9
9
I
Address-5 Select Bit or Chip Select-0 (dual function)
- When the PC mode is selected, this pin is used as
6th address line to decode the COM1-4 and LPT
ports. During STD mode a logical 1 on this pin
provides the chip select 0 function. Connect this pin
to VCC when CS1 or –CS2 is used.
A6 / CS1
13
15
10
10
I
Address-6 Select Bit or Chip Select-1 (dual function)
- When the PC mode is selected, this pin is used as
7th address line to decode the COM1-4 and LPT
ports. During STD mode a logical 1 on this pin
provides the chip select 1 function. Connect this pin
to VCC when CS0 or –CS2 is used.
A7 / -CS2
14
16
11
7
I
Address-7 Select Bit or Chip Select -2 (dual func-
tion) - When the PC mode is selected, this pin is
used as 8th address line to decode the COM1-4 and
LPT ports. During STD mode a logical 1 on this pin
provides the chip select 2 function. Connect this pin
Symbol
Pin
Signal
Pin Description
40
44
48
52
type
SYMBOL DESCRIPTION


Similar Part No. - XR16C850CQ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR16C850CJ EXAR-XR16C850CJ Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850CJ EXAR-XR16C850CJ Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850CM EXAR-XR16C850CM Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850CM EXAR-XR16C850CM Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
More results

Similar Description - XR16C850CQ

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
16C2850 EXAR-16C2850 Datasheet
728Kb / 44P
   DUAL UART WITH 128-byte FIFO?셲 AND RS-485 HALF DUPLEX CONTROL
XR16C854 EXAR-XR16C854 Datasheet
476Kb / 51P
   QUAD UART WITH RX/TX FIFO COUNTERS,128-BYTE FIFO
ST16C550 EXAR-ST16C550 Datasheet
227Kb / 35P
   UART WITH 16-BYTE FIFO?셲
ST16C550 EXAR-ST16C550_05 Datasheet
241Kb / 35P
   UART WITH 16-BYTE FIFO?셲
logo
Texas Instruments
TL16C750E TI1-TL16C750E Datasheet
1Mb / 59P
[Old version datasheet]   TL16C750E UART with 128-Byte FIFO
logo
Exar Corporation
XR16M890 EXAR-XR16M890_11 Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR16M890IL32-0C EXAR-XR16M890IL32-0C Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR16C850 EXAR-XR16C850_05 Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
XR28V384 EXAR-XR28V384 Datasheet
511Kb / 42P
   3.3V QUAD LPC UART WITH 128-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com