Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC16F25-205-B Datasheet(PDF) 4 Page - Copal Electronics

Part # REC16F25-205-B
Description  MANUAL SETTING TYPE OPTICAL ENCODERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

REC16F25-205-B Datasheet(HTML) 4 Page - Copal Electronics

  REC16F25-205-B Datasheet HTML 1Page - Copal Electronics REC16F25-205-B Datasheet HTML 2Page - Copal Electronics REC16F25-205-B Datasheet HTML 3Page - Copal Electronics REC16F25-205-B Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
15.7
5 – 2.54
Pin No.
Pin
Lot No.
Labl
M9 P=0.75
(17.4)
(8)
(13.58)
(2.58)
6.5
6.35
10 0.5
0.5
16
3.86
12 3
4
5
6
15.7
5 – 2.54
Pin No.
Pin
Lot No.
Labl
M9 P=0.75
(17.4)
(9.5)
6.35
(8)
(13.58)
(2.58)
6.5
6.35
10 0.5
0.5
16
3.86
12 3
4
5
6
905
The following type is available upon receipt of your order.
REC16D/REC16F
OPTICAL ENCODERS
PIN ASSIGNMENT
REFERENCE
OUTPUT CIRCUITRY AND RECEIVING CIRCUITRY
Comp.
2.2 k
Vcc (5 V)
Output “A”, “B”
GND (0 V)
Switch
Encoder output circuit
Receiving circuit
h Comparator IC : 393 equivalent
Switch
Pin No.
Function
1
Power 0 (V)
2
For switch
3
For switch
4
Output “B”
5
Output “A”
6
Power +5 V


Similar Part No. - REC16F25-205-B

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
REC16 COPAL-REC16 Datasheet
123Kb / 4P
   MANUAL SETTING TYPE OPTICAL ENCODERS
REC16A25-201 COPAL-REC16A25-201 Datasheet
123Kb / 4P
   MANUAL SETTING TYPE OPTICAL ENCODERS
REC16A25-201-C COPAL-REC16A25-201-C Datasheet
123Kb / 4P
   MANUAL SETTING TYPE OPTICAL ENCODERS
REC16A50-201 COPAL-REC16A50-201 Datasheet
123Kb / 4P
   MANUAL SETTING TYPE OPTICAL ENCODERS
REC16A50-201-C COPAL-REC16A50-201-C Datasheet
123Kb / 4P
   MANUAL SETTING TYPE OPTICAL ENCODERS
More results

Similar Description - REC16F25-205-B

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
REC COPAL-REC Datasheet
131Kb / 6P
   MANUAL SETTING TYPE OPTICAL ENCODERS
REC16K COPAL-REC16K Datasheet
112Kb / 5P
   MANUAL SETTING TYPE OPTICAL ENCODERS
REC16 COPAL-REC16 Datasheet
123Kb / 4P
   MANUAL SETTING TYPE OPTICAL ENCODERS
RMS20 COPAL-RMS20 Datasheet
78Kb / 3P
   MANUAL SETTING TYPE MAGNETIC ENCODERS
logo
Grayhill, Inc
61RS256-060 GRAYHILL-61RS256-060 Datasheet
42Kb / 1P
   Optical Encoders
logo
Copal Electronics
RE12D COPAL-RE12D Datasheet
63Kb / 2P
   OPTICAL ENCODERS
RE30E COPAL-RE30E Datasheet
679Kb / 3P
   OPTICAL ENCODERS
RE20F COPAL-RE20F Datasheet
83Kb / 3P
   OPTICAL ENCODERS
RE12 COPAL-RE12 Datasheet
68Kb / 3P
   OPTICAL ENCODERS
logo
Agilent(Hewlett-Packard...
HEDS-5700 HP-HEDS-5700 Datasheet
110Kb / 3P
   Panel Mount Optical Encoders
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com