Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC16F25-205-B Datasheet(PDF) 2 Page - Copal Electronics

Part # REC16F25-205-B
Description  MANUAL SETTING TYPE OPTICAL ENCODERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

REC16F25-205-B Datasheet(HTML) 2 Page - Copal Electronics

  REC16F25-205-B Datasheet HTML 1Page - Copal Electronics REC16F25-205-B Datasheet HTML 2Page - Copal Electronics REC16F25-205-B Datasheet HTML 3Page - Copal Electronics REC16F25-205-B Datasheet HTML 4Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Note) Manual setting only.
Note) Don’t rotate shaft, making switch work.
Click torque
Click number
Shaft loading (Pull-push)
Switch
operation force
Travel
Rotational life (Mechanical)
Switching life
Shaft loading
(When mounting)
Radial
Axial
Net weight
Strength of tighten screw
Operating temp. range
Storage temp. range
Protection grade
Input voltage
Input current
Output wave form
Output phases
(P/R)
Resolution
Phase difference of outputs A & B
Maximum frequency response
Output signal
“1 (High)”
“0 (Low)”
Light source
STANDARD SPECIFICATIONS
DC5 V ± 5 %
30 mA maximum
Square wave
A, B
25
90° ± 45°
100 Hz
+ 4.5 V minimum
+ 0.5 V maximum
LED
Maximum contact rating
Contact resistance
DC15 V, 20 mA
200 m
maximum
Initial value
O Electrical characteristics
O Switch characteristics
O Mechanical characteristics
6.87 mN·m ± 3.43 maximum
(70 ± 35 gf·cm)
〈REC:With click
25
49.0 N maximum (5 kgf)
2.94 ± 1.47 N (300 ± 150 gf)
2.55 ± 1.27 N (260 ± 130 gf)
0.3
mm
+ 0.1
− 0.2
0.3
mm
+ 0.3
− 0.2
1 million cycles
1 million cycles
4.90 N maximum (500 gf)
2.94 N maximum (300 gf)
Approx. 10 g
1 N·m {10.2 kgf·cm} maximum
O Environmental characteristics
0 ~ 50 °C
– 20 ~ 80 °C
IP40
OUTPUT
Output “A”
Output “B”
a
a, b, c, d
≧ 100
μs
The click spot is located somewhere outputs
A & B are at Lo level.
bc
d
CW
Click spot
REC16D/REC16F
OPTICAL ENCODERS
single shaft
double shaft
single shaft
double shaft


Similar Part No. - REC16F25-205-B

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
REC16 COPAL-REC16 Datasheet
123Kb / 4P
   MANUAL SETTING TYPE OPTICAL ENCODERS
REC16A25-201 COPAL-REC16A25-201 Datasheet
123Kb / 4P
   MANUAL SETTING TYPE OPTICAL ENCODERS
REC16A25-201-C COPAL-REC16A25-201-C Datasheet
123Kb / 4P
   MANUAL SETTING TYPE OPTICAL ENCODERS
REC16A50-201 COPAL-REC16A50-201 Datasheet
123Kb / 4P
   MANUAL SETTING TYPE OPTICAL ENCODERS
REC16A50-201-C COPAL-REC16A50-201-C Datasheet
123Kb / 4P
   MANUAL SETTING TYPE OPTICAL ENCODERS
More results

Similar Description - REC16F25-205-B

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
REC COPAL-REC Datasheet
131Kb / 6P
   MANUAL SETTING TYPE OPTICAL ENCODERS
REC16K COPAL-REC16K Datasheet
112Kb / 5P
   MANUAL SETTING TYPE OPTICAL ENCODERS
REC16 COPAL-REC16 Datasheet
123Kb / 4P
   MANUAL SETTING TYPE OPTICAL ENCODERS
RMS20 COPAL-RMS20 Datasheet
78Kb / 3P
   MANUAL SETTING TYPE MAGNETIC ENCODERS
logo
Grayhill, Inc
61RS256-060 GRAYHILL-61RS256-060 Datasheet
42Kb / 1P
   Optical Encoders
logo
Copal Electronics
RE12D COPAL-RE12D Datasheet
63Kb / 2P
   OPTICAL ENCODERS
RE30E COPAL-RE30E Datasheet
679Kb / 3P
   OPTICAL ENCODERS
RE20F COPAL-RE20F Datasheet
83Kb / 3P
   OPTICAL ENCODERS
RE12 COPAL-RE12 Datasheet
68Kb / 3P
   OPTICAL ENCODERS
logo
Agilent(Hewlett-Packard...
HEDS-5700 HP-HEDS-5700 Datasheet
110Kb / 3P
   Panel Mount Optical Encoders
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com