Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU21028FV-M Datasheet(PDF) 9 Page - Rohm

Part # BU21028FV-M
Description  4-wire Resistive Touch Screen Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU21028FV-M Datasheet(HTML) 9 Page - Rohm

Back Button BU21028FV-M Datasheet HTML 5Page - Rohm BU21028FV-M Datasheet HTML 6Page - Rohm BU21028FV-M Datasheet HTML 7Page - Rohm BU21028FV-M Datasheet HTML 8Page - Rohm BU21028FV-M Datasheet HTML 9Page - Rohm BU21028FV-M Datasheet HTML 10Page - Rohm BU21028FV-M Datasheet HTML 11Page - Rohm BU21028FV-M Datasheet HTML 12Page - Rohm BU21028FV-M Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
9/32
TSZ02201-0L5L0F300720-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
27.May.2016 Rev.002
www.rohm.com
TSZ22111 • 15 • 001
BU21028FV-M
CF= 0x0 (0000) : Automatic scan
This makes BU21028FV-M periodically and automatically scan the screen and convert data upon detecting touch. When
the device cannot detect touch, it stops and stays in power down state until it detects the next pen-down. The order of scan
process is Z1, Z2, X and Y.
CF= 0x1 (0001), 0x6 (0110), 0x7 (0111), 0xB (1011)
No operation. (“PDM” and “STP” is valid.)
CF = 0x2 (0010)
This converts the voltage impressed to AUX. After the conversion has been completed, the device is powered
down according to the PDM setting.
CF= 0x4 (0100) : Free scan mode
In Free Scan Mode, the driver state (X+, X-, Y+, Y-) and conversion input (X+, X-, Y+, Y-, AUX) can be selected through
register settings.
CF= 0x5 (0101) : Calibration
This calibrates the parameters for dual touch detection. To activate the dual touch function, setting of CF to 0101 and
execution of the calibration command should be done after power-on.
CF= 0x8 (1000), 0x9 (1001), 0xA (1010): Drivers status control
This activates the analog circuit and panel driver corresponding to each command. BU21028FV-M remains in this state until
it receives another SCAN instruction or until "STP" is set.
CF= 0xC (1100), 0xD (1101), 0xE (1110): Manual scan
This converts coordinates that correspond to each command. BU21028FV-M goes to power-down state after a complete
conversion if "PDM" is set to "0". Otherwise, it stays at power-on state.
CF =0x3 (0011), 0xF (1111)
Reserved.
Bit D2:CMSK
0=Executes convert function.
1=Reads the convert result
Bit D1:PDM
Power Down Control
0= Powers down the device after converter function stops
1= Keeps power on after converter function stops
Bit D0:STP
1= Aborts currently running conversion and changes the state to power-down (STP is automatically set to “0”.)


Similar Part No. - BU21028FV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BU21021GUL ROHM-BU21021GUL Datasheet
619Kb / 13P
   4-wire resistive Touch Screen Controller
BU21021GUL-E2 ROHM-BU21021GUL-E2 Datasheet
619Kb / 13P
   4-wire resistive Touch Screen Controller
BU21023FV-ME2 ROHM-BU21023FV-ME2 Datasheet
404Kb / 18P
   Resistive Type Touch Screen Controller ICs
BU21023GUL ROHM-BU21023GUL Datasheet
717Kb / 8P
   Silicon monolithic IC
BU21023GUL ROHM-BU21023GUL Datasheet
404Kb / 18P
   Resistive Type Touch Screen Controller ICs
More results

Similar Description - BU21028FV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BU21029MUV ROHM-BU21029MUV Datasheet
819Kb / 29P
   4-wire Resistive Touch Screen Controller
BU21025GUL ROHM-BU21025GUL Datasheet
741Kb / 19P
   4-wire Resistive Touch Screen Controller
BU21026MUV ROHM-BU21026MUV Datasheet
2Mb / 23P
   4-wire Resistive Touch Screen Controller
logo
List of Unclassifed Man...
XPT7603 ETC2-XPT7603 Datasheet
443Kb / 25P
   4-wire resistive touch screen controller
logo
Rohm
BU21049GUL ROHM-BU21049GUL Datasheet
811Kb / 26P
   4-wire Resistive Touch Screen Controller
BU21021GUL ROHM-BU21021GUL Datasheet
619Kb / 13P
   4-wire resistive Touch Screen Controller
BU21029GUL ROHM-BU21029GUL Datasheet
762Kb / 29P
   4-wire Resistive Touch Screen Controller
logo
Microchip Technology
AR1000 MICROCHIP-AR1000_12 Datasheet
3Mb / 70P
   Resistive Touch Screen Controller
11/29/11
AR1000 MICROCHIP-AR1000 Datasheet
2Mb / 37P
   Resistive Touch Screen Controller
2009
logo
AAEON Technology
GENE-LN05-B AAEON-GENE-LN05-B Datasheet
289Kb / 2P
   Onboard 4/5/8-wire Resistive Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com