Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU4051BCF Datasheet(PDF) 3 Page - Rohm

Part # BU4051BCF
Description  8ch Analog Multiplexer/Demultiplexer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4051BCF Datasheet(HTML) 3 Page - Rohm

  BU4051BCF Datasheet HTML 1Page - Rohm BU4051BCF Datasheet HTML 2Page - Rohm BU4051BCF Datasheet HTML 3Page - Rohm BU4051BCF Datasheet HTML 4Page - Rohm BU4051BCF Datasheet HTML 5Page - Rohm BU4051BCF Datasheet HTML 6Page - Rohm BU4051BCF Datasheet HTML 7Page - Rohm BU4051BCF Datasheet HTML 8Page - Rohm BU4051BCF Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3/17
TSZ02201-0RDR0GZ00280-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
06.Jan.2015 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BU4051BC BU4051BCF BU4051BCFV
Block Diagram
Absolute Maximum Ratings (TA=25°C)
Parameter
Symbol
Rating
Unit
Supply Voltage
(Note 1)
VDD
-0.5 to +20.0
V
Control Input Voltage
VCIN
(VSS-0.5) ~ (VDD+0.5)
V
Analog Switch Input/Output Voltage
VIN / VOUT
(VEE-0.5) ~ (VDD+0.5)
V
Control Input Current
ICIN
±
10
mA
Operating Temperature
Topr
-40 to +85
°C
Storage Temperature
Tstg
-55 to +150
°C
Maximum Junction Temperature
TJmax
+150
°C
Power Dissipation
PD
DIP16
1.25
(Note 2)
W
SOP16
0.62
(Note 3)
SSOP-B16
0.87
(Note 4)
(Note 1) It Contain voltage of VSS to VDD and Voltage of VEE to VDD. It shoud be VEE ≤ VSS
(Note 2) Mounted on 70mm x 70mm x 1.6mm glass epoxy board. Reduce 10.0mW per 1°C above 25°C
(Note 3) Mounted on 70mm x 70mm x 1.6mm glass epoxy board. Reduce 5.0mW per 1°C above 25°C
(Note 4) Mounted on 70mm x 70mm x 1.6mm glass epoxy board. Reduce 7.0mW per 1°C above 25°C
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins
or an open circuit between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding
a fuse, in case the IC is operated over the absolute maximum ratings.
Recommended Operating Conditions (TA= -40°C to +85°C)
Parameter
Symbol
Min
Typ
Max
Unit
Supply Voltage
VDD
3.0
-
18
V
Control Input Voltage
VCIN
VSS
-
VDD
V
Analog Switch Input/Output Voltage
VIN / VOUT
VEE
-
VDD
V
COMMON
X
VDD
INHIBIT
A
B
C
VSS
VEE
X0
X1
X2
X3
X4
X5
X6
X7
LEVEL
CONVERTER
BINARY TO 1 OF 8 DECODER
WITH INHIBIT


Similar Part No. - BU4051BCF

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4051BCF ROHM-BU4051BCF Datasheet
76Kb / 6P
   8-channel analog multiplexer / demultiplexer
BU4051BCF ROHM-BU4051BCF Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4051BCF ROHM-BU4051BCF Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
BU4051BCF-E2 ROHM-BU4051BCF-E2 Datasheet
466Kb / 18P
   High Voltage CMOS Logic ICs
BU4051BCF-E2 ROHM-BU4051BCF-E2 Datasheet
424Kb / 18P
   High Voltage CMOS Logic ICs
More results

Similar Description - BU4051BCF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT8053 ONSEMI-MC74LVXT8053 Datasheet
243Kb / 12P
   Analog Multiplexer/Demultiplexer
March, 2000 ??Rev. 2
MC74LVX4052 ONSEMI-MC74LVX4052 Datasheet
142Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 4
logo
System Logic Semiconduc...
SL4053B SLS-SL4053B Datasheet
61Kb / 6P
   Analog Multiplexer Demultiplexer
logo
ON Semiconductor
MC74LVX4051 ONSEMI-MC74LVX4051_14 Datasheet
168Kb / 15P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
MC74LVX8053 ONSEMI-MC74LVX8053_14 Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVX4053 ONSEMI-MC74LVX4053_14 Datasheet
160Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 9
logo
System Logic Semiconduc...
SL74HC4053 SLS-SL74HC4053 Datasheet
87Kb / 8P
   Analog Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74LVXT4052 ONSEMI-MC74LVXT4052 Datasheet
142Kb / 16P
   Analog Multiplexer Demultiplexer
January, 2002 ??Rev. 3
MC74LVX4051 ONSEMI-MC74LVX4051 Datasheet
158Kb / 16P
   Analog Multiplexer/ Demultiplexer
January, 2002 ??Rev. 5
NLAST4051 ONSEMI-NLAST4051_06 Datasheet
152Kb / 12P
   Analog Multiplexer/ Demultiplexer
April, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com