Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S24B24M150BL3 Datasheet(PDF) 2 Page - Vicor Corporation

Part # S24B24M150BL3
Description  DC-DC Converter Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

S24B24M150BL3 Datasheet(HTML) 2 Page - Vicor Corporation

  S24B24M150BL3 Datasheet HTML 1Page - Vicor Corporation S24B24M150BL3 Datasheet HTML 2Page - Vicor Corporation S24B24M150BL3 Datasheet HTML 3Page - Vicor Corporation S24B24M150BL3 Datasheet HTML 4Page - Vicor Corporation S24B24M150BL3 Datasheet HTML 5Page - Vicor Corporation S24B24M150BL3 Datasheet HTML 6Page - Vicor Corporation S24B24M150BL3 Datasheet HTML 7Page - Vicor Corporation S24B24M150BL3 Datasheet HTML 8Page - Vicor Corporation S24B24M150BL3 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
24V Mini Family
Rev 4.9
vicorpower.com
Page 2 of 15
01/2016
800 927.9474
24V Input
Parameter
Min
Typ
Max
Unit
Notes
Operating input voltage
18
24
36
VDC
Input surge withstand
50
VDC
<100ms
Undervoltage turn-on
17.5
17.9
VDC
Undervoltage turn-off
14.8
15.3
VDC
Overvoltage turn-off/on
36.3
37.8
39.6
VDC
Disabled input current
4.0
VDC
PC pin low
Parameter
Min
Typ
Max
Unit
Notes
Output voltage setpoint
±1%
VOUT nom.
Nominal input; full load; 25°C
Line regulation
±0.02
±0.20
%
Low line to high line; full load
Temperature regulation
±0.002
±0.005
%/°C
Over operating temperature range
Power sharing accuracy
±2
±5
%
10 to 100% of full load
Of nominal output voltage. For trimming below 90%
Programming range
10
110
%
of nominal, a minimum load of 10% of maximum
rated power may be required.
+Out to –Out, +Sense to –Out — Absolute Maximum Ratings
3.3V
-0.5 to 4.7
VDC
Externally applied
5V
-0.5 to 7.0
VDC
Externally applied
6.5V
-0.5 to 9.1
VDC
Externally applied
8V
-0.5 to 10.9
VDC
Externally applied
12V
-0.5 to 16.1
VDC
Externally applied
15V
-0.5 to 20.0
VDC
Externally applied
24V
-0.5 to 31.7
VDC
Externally applied
28V
-0.5 to 36.9
VDC
Externally applied
36V
-0.5 to 47.1
VDC
Externally applied
48V
-0.5 to 62.9
VDC
Externally applied
MODULE INPUT SPECIFICATIONS
MODULE OUTPUT SPECIFICATIONS
Electrical characteristics apply over the full operating range of input voltage, output load (resistive) and baseplate temperature, unless otherwise specified.
All temperatures refer to the operating temperature at the center of the baseplate.
Note: For important information relative to applications where the converter modules are subject to continuous dynamic loading,
contact Vicor applications engineering at 800-927-9474.
Parameter
Min
Typ
Max
Unit
Baseplate to sink; flat, greased surface
0.16
°C/Watt
Baseplate to sink; thermal pad (P/N 20264)
0.14
°C/Watt
Baseplate to ambient
8.0
°C/Watt
Baseplate to ambient; 1000 LFM
1.9
°C/Watt
Thermal capacity
83
Watt-sec/°C
THERMAL RESISTANCE AND CAPACITY
Module Family Electrical Characteristics


Similar Part No. - S24B24M150BL3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S24B-PADSS-1 ETC2-S24B-PADSS-1 Datasheet
111Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
S24B-PHDSS ETC2-S24B-PHDSS Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
S24B-PHDSS-B ETC2-S24B-PHDSS-B Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
S24B-PUDSS-1 ETC2-S24B-PUDSS-1 Datasheet
305Kb / 4P
   2.0mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - S24B24M150BL3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C5M50BL3 VICOR-V24C5M50BL3 Datasheet
1Mb / 15P
   DC-DC Converter Module
V24C12C150BL VICOR-V24C12C150BL Datasheet
1Mb / 15P
   DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2_16 Datasheet
373Kb / 14P
   DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL_15 Datasheet
1Mb / 11P
   DC-DC Converter Module
V375A28C600A VICOR-V375A28C600A Datasheet
194Kb / 8P
   DC-DC Converter Module
V24A24M300BL VICOR-V24A24M300BL Datasheet
784Kb / 13P
   DC-DC Converter Module
V300A5C300BL VICOR-V300A5C300BL Datasheet
808Kb / 13P
   DC-DC Converter Module
V110A8T300BL VICOR-V110A8T300BL Datasheet
1Mb / 13P
   DC-DC Converter Module
V375A48C600BL VICOR-V375A48C600BL Datasheet
837Kb / 15P
   DC-DC Converter Module
V24C48T100BL VICOR-V24C48T100BL Datasheet
1Mb / 15P
   DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com