Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU4094BCF-E2 Datasheet(PDF) 5 Page - Rohm

Part # BU4094BCF-E2
Description  8bit Static Shift/Store Register
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4094BCF-E2 Datasheet(HTML) 5 Page - Rohm

  BU4094BCF-E2 Datasheet HTML 1Page - Rohm BU4094BCF-E2 Datasheet HTML 2Page - Rohm BU4094BCF-E2 Datasheet HTML 3Page - Rohm BU4094BCF-E2 Datasheet HTML 4Page - Rohm BU4094BCF-E2 Datasheet HTML 5Page - Rohm BU4094BCF-E2 Datasheet HTML 6Page - Rohm BU4094BCF-E2 Datasheet HTML 7Page - Rohm BU4094BCF-E2 Datasheet HTML 8Page - Rohm BU4094BCF-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5/19
TSZ02201-0RDR0GZ00240-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
11.Aug.2014 Rev.001
www.rohm.com
TSZ22111
• 15 • 001
BU4094BC
BU4094BCF
BU4094BCFV
Electrical Characteristics - continued
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Switching Characteristics, CL=50pF
3state
Propagation delay time
OUTPUT ENABLE-QN
tPLZ
tPZL
-
140
280
ns
VDD=5V
RL=1kΩ
-
75
150
VDD=10V
-
55
110
VDD=15V
Minimum set up time
DATA-CLOCK
tSU
-
20
125
ns
VDD=5V
-
-
8
55
VDD=10V
-
6
35
VDD=15V
Minimum hold time
CLOCK-DATA
tH
-
10
40
ns
VDD=5V
-
-
10
20
VDD=10V
-
5
15
VDD=15V
Minimum clock pulse
width
tW
-
100
200
ns
VDD=5V
-
-
50
100
VDD=10V
-
40
80
VDD=15V
Maximum clock
Frequency
fCL
1.25
2.5
-
MHz
VDD=5V
-
2.5
5
-
VDD=10V
3.0
12.5
-
VDD=15V
Minimum
strobe pulse width
tWL
-
100
200
ns
VDD=5V
-
-
40
80
VDD=10V
-
35
70
VDD=15V
Input capacitance
CIN
-
5
-
pF
-
-
Waveforms of Switching Characteristics
tW
50%
50%
50%
tPHZ
50%
90%
90%
10%
90%
10%
50%
10%
10%
90%
50%
50%
50%
50%
tWL
50%
tPLH
tTLH
tTHL
tPZH
50%
tPLZ
tPZL
tPHL
tPLH
tPLH
tSU
tH
90%
10%
tR
tF
50%
tPHL
tPLH
tPHL
CLOCK
DATA
STROBE
OUTPUT
ENABLE
Q1~Q7
QS
Q'S


Similar Part No. - BU4094BCF-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4094BCF-E2 ROHM-BU4094BCF-E2 Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
More results

Similar Description - BU4094BCF-E2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62801P TOSHIBA-TD62801P Datasheet
237Kb / 7P
   8BIT SHIFT REGISTER/LATCH/DRIVER
logo
Unisonic Technologies
U74HC4094 UTC-U74HC4094 Datasheet
236Kb / 6P
   8-STAGE SHIFT & STORE BUS REGISTER
U74HC4094 UTC-U74HC4094_15 Datasheet
236Kb / 6P
   8-STAGE SHIFT & STORE BUS REGISTER
logo
ON Semiconductor
MC74HCT4094A ONSEMI-MC74HCT4094A Datasheet
142Kb / 11P
   8-Bit Shift and Store Register
March, 2011 ??Rev. 0
logo
Rohm
BU4094BC ROHM-BU4094BC Datasheet
88Kb / 5P
   8-bit compatible shift / store register
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B_10 Datasheet
169Kb / 19P
   8-stage shift-and-store register
Rev. 08-2 April 2010
logo
Nexperia B.V. All right...
HEF4094B NEXPERIA-HEF4094B Datasheet
263Kb / 15P
   8-stage shift-and-store register
Rev. 14 - 8 July 2021
logo
NXP Semiconductors
HEF4094BTD-T PHILIPS-HEF4094BTD-T Datasheet
204Kb / 20P
   8-stage shift-and-store register
Rev. 11-29 August 2013
logo
ON Semiconductor
MC74HC4094A ONSEMI-MC74HC4094A Datasheet
109Kb / 12P
   8-Bit Shift and Store Register
February, 2015 ??Rev. 2
logo
Unisonic Technologies
U74HCT4094 UTC-U74HCT4094_15 Datasheet
220Kb / 6P
   8-STAGE SHIFT&STORE BUS REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com