Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU1S12S1AG-LB Datasheet(PDF) 3 Page - Rohm

Part # BU1S12S1AG-LB
Description  Successive Approximation A/D Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU1S12S1AG-LB Datasheet(HTML) 3 Page - Rohm

  BU1S12S1AG-LB Datasheet HTML 1Page - Rohm BU1S12S1AG-LB Datasheet HTML 2Page - Rohm BU1S12S1AG-LB Datasheet HTML 3Page - Rohm BU1S12S1AG-LB Datasheet HTML 4Page - Rohm BU1S12S1AG-LB Datasheet HTML 5Page - Rohm BU1S12S1AG-LB Datasheet HTML 6Page - Rohm BU1S12S1AG-LB Datasheet HTML 7Page - Rohm BU1S12S1AG-LB Datasheet HTML 8Page - Rohm BU1S12S1AG-LB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
BU1S12S1AG-LB
3/16
© 2016 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0GSG0GZ10180-1-2
04.Jul.2016 Rev.001
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Ratings
Unit
Supply Voltage
VA
5.7
V
Analog Input Voltage
VIN
-0.3 to VA +0.3
V
Digital Input Voltage
VDIN
-0.3 to 5.7
V
Power Dissipation
PD
0.54
(Note1)
W
Junction Temperature
TJmax
125
°C
Storage Temperature
Tstg
-55 to +125
°C
(Note 1) Derate by 5.4mW/°C when operating above Ta=25°C. (when mounted on a 70mm×70mm×1.6mm, 1-layer, glass-epoxy board.)
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.
Recommended Operational Conditions
Parameter
Symbol
Ratings
Unit
Supply Voltage
VA
2.7 to 5.25
V
Analog Input Voltage
VIN
0 to VA
V
Digital Input Voltage
VDIN
0 to 5.25
V
Operational Temperature
Topr
-40 to +105
°C
Clock Frequency
fSCLK
10 to 20
MHz
Sampling Rate
fS
0.5 to 1
MSPS


Similar Part No. - BU1S12S1AG-LB

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BU10-005 FRONTIER-BU10-005 Datasheet
122Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU10-005F FRONTIER-BU10-005F Datasheet
122Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU10-01 FRONTIER-BU10-01 Datasheet
122Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU10-01F FRONTIER-BU10-01F Datasheet
122Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU10-02 FRONTIER-BU10-02 Datasheet
122Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
More results

Similar Description - BU1S12S1AG-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BH2715FV ROHM-BH2715FV Datasheet
2Mb / 18P
   Successive Approximation A/D Converter
logo
Nippon Precision Circui...
SM6150 NPC-SM6150 Datasheet
161Kb / 6P
   Successive-approximation 8-bit A/D Converter
SM6155P NPC-SM6155P Datasheet
183Kb / 7P
   Successive-approximation 8-bit A/D Converter
logo
List of Unclassifed Man...
ZN439 ETC1-ZN439 Datasheet
344Kb / 25P
   8-Bit Successive Approximation A-D Converter
logo
Analog Devices
AD572 AD-AD572_15 Datasheet
1Mb / 8P
   12 BIT SUCCESSIVE APPROXIMATION INTEGRATED CIRCUIT A/D CONVERTER
REV. B
logo
Zarlink Semiconductor I...
ZN427E8 ZARLINK-ZN427E8 Datasheet
311Kb / 17P
   MICROPROCESSOR COMPATIBLE 8-BIT SUCCESSIVE APPROXIMATION A-D CONVERTER
logo
Analog Devices
AD5200 AD-AD5200 Datasheet
631Kb / 6P
   12-Bit Successive Approximation High Acquisition A/D Converter
AD5215 AD-AD5215_15 Datasheet
2Mb / 6P
   12 BIT SUCCESSIVE APPROXIMATION HIGH ACCURACY A/D CONVERTER
AD572 AD-AD572 Datasheet
429Kb / 7P
   12-BIT SUCCESSIVE APPROXIMATION INTEGRATED CIRCUIT A/D CONVERTER
REV. A
ADADC80 AD-ADADC80 Datasheet
475Kb / 6P
   12-BIT SUCCESSIVE APPROXIMATION INTERATED CIRCUIT A/D CONVERTER
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com