Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BH2715FV Datasheet(PDF) 1 Page - Rohm

Part No. BH2715FV
Description  Successive Approximation A/D Converter
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

BH2715FV Datasheet(HTML) 1 Page - Rohm

 
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
〇Product structure : Silicon monolithic integrated circuit 〇This product has no designed protection against radioactive rays
1/14
© 2016 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111 • 14 • 001
TSZ02201-0RCR1N300010-1-2
25.Feb.2016 Rev.002
A/D Converter Series
Successive Approximation A/D Converter
10bit, 50k to 220kSPS, 2.7 to 5.25V,
8-channel, SPITM Interface
BH2715FV
General Description
The BH2715FV is a general purpose, 10-bit 8-channel
successive approximation A/D converter. The sampling
rate of BH2715FV ranges from 50kSPS to 220kSPS.
Features
Successive Approximation A/D Converter with a
Built-in Track/Hold Circuit
8 Input Channels
Separate Analog and Digital Power Supplies
Serial Interface Compatible with
SPI
TM/DSPTM/MICROWIRETM
Low Power Consumption
Power Down Mode
Applications
Sensors / Scanners
Battery Monitors and Power Supply Monitors
Control of the Various Types of FA Equipment
Key Specifications
Supply Voltage Range:
2.7V to 5.25V
Resolution:
10bit
INL:
±1.5 LSB
DNL:
±1.2 LSB
Sampling Rate:
220kSPS(Max)
Power Consumption
In 220kSPS Operation:
1.2mW at VDD=3V(Typ)
6.5mW at VDD=5V(Typ)
Supply Current In Power Down:
0µA (Typ)
Operational Temperature Range:
-40°C to +85°C
Package
W(Typ) x D(Typ) x H(Max)
SSOP-B16
5.00mm x 6.40mm x 1.35mm
Typical Application Circuit
SSOP-B16
BH2715FV
AVDD
DVDD
AGND
DGND
INx
CSB
SCLK
SDIN
SDOUT
MICROPROCESSOR
or
DSP
LDO
LDO
Vconv
RPD
RIN
CIN
0.1μF
0.1μF
Datasheet


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn