Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BH2715FV Datasheet(PDF) 9 Page - Rohm

Part No. BH2715FV
Description  Successive Approximation A/D Converter
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

BH2715FV Datasheet(HTML) 9 Page - Rohm

Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
BH2715FV
9/14
© 2016 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0RCR1N300010-1-2
25.Feb.2016 Rev.002
Application Circuit Example
Consideration Point
1. Bypass Capacitor
Because the voltages of AVDD and AGND are used as the reference voltages for the A/D conversion, the deviation
of the supply voltages directly affects A/D conversion accuracy. Please ensure to insert a low ESR bypass
condenser (equal to or more than 0.1µF) between AVDD and AGND.
DVDD and DGND are the power supply and ground lines of the digital block. Please ensure to insert bypass
condenser (equal to or more than 0.1µF) between DVDD and DGND.
2. Pull-down Resistor on SDOUT
SDOUT is a digital output terminal with a 3-state output buffer. When CSB=H, the SDOUT output is Hi-Z and the
SDOUT line is floating. Please insert a pull-down resistor or a pull-up resistor as needed. A low resistance
pull-up/pull-down resistor is not necessary, because SDOUT has a CMOS output buffer. Please insert a high
resistance resistor. The resistance should be decided so that a circuit (microprocessor, etc.) which receives SDATA
output doesn't malfunction.
3. External Circuit of Analog Input Terminals IN0 through IN7
Voltages of the terminals IN0 through IN7 are used for A/D conversions. Capacitors between the analog input
terminals and ground should be placed as close to the analog input terminals as possible. A low ESR capacitor
which has equal to or higher than 47pF is recommended. A capacitor CIN should be connected to a ground with
low noise like AGND. When conversion results are not stable, please insert a resistor RIN between Vconv, which is
an A/D conversion input voltage, and INx. Conversion results are improved by a first-order low pass filter
composed of CIN and RIN. Please decide the values of CIN and RIN in consideration of the slew-rate or the
frequency characteristic of Vconv. The lower cut-off frequency of the low pass filter makes the higher noise
rejection rate from Vconv and the better A/D conversion characteristics of the BH2715FV as long as the low pass
filter rejects a necessary signal frequency in Vconv.
4. Crosstalk between Analog Input Terminals and Noise Sources
Design a wire layout on a printed circuit board which doesn't cause crosstalk between the A/D conversion input
signal lines IN0 through IN7 and other signal lines of possible noise sources due to capacitive coupling.
Particularly, it should be avoided to route a input signal line in parallel with a noise source line. If it is unavoidable
that an A/D conversion input line intersects with a noise source line, it is desired to make it orthogonal and also to
take a measure to prevent crosstalk such as inserting a ground shield between layers of the printed circuit board.
BH2715FV
AVDD
DVDD
AGND
DGND
INx
CSB
SCLK
SDIN
SDOUT
MICROPROCESSOR
or
DSP
LDO
LDO
Vconv
RPD
RIN
CIN
0.1μF
0.1μF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn