Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BH2715FV Datasheet(PDF) 6 Page - Rohm

Part No. BH2715FV
Description  Successive Approximation A/D Converter
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo 

BH2715FV Datasheet(HTML) 6 Page - Rohm

Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
BH2715FV
6/14
© 2016 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0RCR1N300010-1-2
25.Feb.2016 Rev.002
Timing Chart
1. Serial Interface Timing Diagram
2. A/D Conversion Timing Diagram
Analog Input Terminal Selection
1. Control Register
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
N/A
N/A
S2
S1
S0
N/A
N/A
N/A
(1) Eight-bit data is loaded into the control register from SDIN on the first eight rising edges of SCLK after CSB falls.
(2) A selected channel is used in the subsequent conversion.
(3) The bits described as N/A don't affect any functions.
2. Input Channel Selection
S2
S1
S0
Input Channel
0
0
0
IN0
0
0
1
IN1
0
1
0
IN2
0
1
1
IN3
1
0
0
IN4
1
0
1
IN5
1
1
0
IN6
1
1
1
IN7
2
1
4
3
6
5
8
7
14
15
16
D9
D8
D7
D6
DACC
CL
EN
ACQ
CH
CONVERT
D1
D0
TWO ZEROS
DIS
FOUR ZEROS
CSB
SCLK
SDOUT
DS
DH
N/A
N/A
S2
S1
S0
N/A
N/A
N/A
SDIN
t
t
t
t
t
t
t
t
t
CS
t
2
3
5
6
7
8
9
10
11
12
13
14
15
2
3
5
6
7
8
CSB
SCLK
SDIN
SDOUT
D9
D3
D8 D7 D6 D5 D4
D2 D1 D0
S2 S1 S0
16
1
1
Power
Down
Power
Down
Power Up
Power Up
4
Track
Hold
4
Track
Hold
D9 D8 D7 D6
S1 S0
S2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn