Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BH2715FV Datasheet(PDF) 12 Page - Rohm

Part No. BH2715FV
Description  Successive Approximation A/D Converter
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo ROHM - Rohm

BH2715FV Datasheet(HTML) 12 Page - Rohm

Back Button BH2715FV Datasheet HTML 8Page - Rohm BH2715FV Datasheet HTML 9Page - Rohm BH2715FV Datasheet HTML 10Page - Rohm BH2715FV Datasheet HTML 11Page - Rohm BH2715FV Datasheet HTML 12Page - Rohm BH2715FV Datasheet HTML 13Page - Rohm BH2715FV Datasheet HTML 14Page - Rohm BH2715FV Datasheet HTML 15Page - Rohm BH2715FV Datasheet HTML 16Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
BH2715FV
12/14
© 2016 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0RCR1N300010-1-2
25.Feb.2016 Rev.002
Operational Notes – continued
12. Regarding the Input Pin of the IC
In the construction of this IC, P-N junctions are inevitably formed creating parasitic diodes or transistors. The
operation of these parasitic elements can result in mutual interference among circuits, operational faults, or physical
damage. Therefore, conditions which cause these parasitic elements to operate, such as applying a voltage to an
input pin lower than the ground voltage should be avoided. Furthermore, do not apply a voltage to the input pins
when no power supply voltage is applied to the IC. Even if the power supply voltage is applied, make sure that the
input pins have voltages within the values specified in the electrical characteristics of this IC.
13. Ceramic Capacitor
When using a ceramic capacitor, determine the dielectric constant considering the change of capacitance with
temperature and the decrease in nominal capacitance due to DC bias and others.
Ordering Information
B
H
2
7
1
5
F
V
-
E 2
Part Number
Package
FV: SSOP-B16
Packaging and forming specification
E2:Embossed tape and reel
Marking Diagrams
SSOP-B16(TOP VIEW)
H2715
Part Number Marking
LOT Number
1PIN MARK


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn