Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH1603FVC Datasheet(PDF) 6 Page - Rohm

Part # BH1603FVC
Description  Analog Current Output Type Ambient Light Sensor IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH1603FVC Datasheet(HTML) 6 Page - Rohm

Back Button BH1603FVC_12 Datasheet HTML 2Page - Rohm BH1603FVC_12 Datasheet HTML 3Page - Rohm BH1603FVC_12 Datasheet HTML 4Page - Rohm BH1603FVC_12 Datasheet HTML 5Page - Rohm BH1603FVC_12 Datasheet HTML 6Page - Rohm BH1603FVC_12 Datasheet HTML 7Page - Rohm BH1603FVC_12 Datasheet HTML 8Page - Rohm BH1603FVC_12 Datasheet HTML 9Page - Rohm BH1603FVC_12 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
BH1603FVC
Technical Note
6/8
www.rohm.com
2012.02 - Rev.D
© 2012 ROHM Co., Ltd. All rights reserved.
Package Outlines
Optical design for the device
WSOF6 ( Unit : mm )
0.8 mm
1.3 mm
PD area ( 0.25 mm x 0.3 mm )
Please design an optical window to have the focused
light within this area.
Min.0.4 mm
Min.0.4 mm
Min.0.4 mm
Min.0.4 mm
Lot No.
Production
code


Similar Part No. - BH1603FVC_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BH1603FVC-TR ROHM-BH1603FVC-TR Datasheet
266Kb / 9P
   Analog Current Output Type Ambient Light Sensor IC
More results

Similar Description - BH1603FVC_12

ManufacturerPart #DatasheetDescription
logo
Rohm
BH1680FVC-E ROHM-BH1680FVC-E Datasheet
293Kb / 9P
   Analog Current Output Type Ambient Light Sensor IC
BH1680FVC ROHM-BH1680FVC Datasheet
265Kb / 9P
   Ambient Light Sensor ICs Analog Current Output Type Ambient Light Sensor IC
BH1600FVC-TR ROHM-BH1600FVC-TR Datasheet
358Kb / 9P
   Analog Current Output Type Ambient Light Sensor IC
BH1620FVC ROHM-BH1620FVC_12 Datasheet
434Kb / 12P
   Analog Current Output Type Ambient Light Sensor IC
BH1603FVC ROHM-BH1603FVC Datasheet
266Kb / 9P
   Analog Current Output Type Ambient Light Sensor IC
BH1620FVC ROHM-BH1620FVC Datasheet
312Kb / 10P
   Analog Current Output Type Ambient Light Sensor IC
BH1682FVC ROHM-BH1682FVC Datasheet
1Mb / 15P
   Analog Current Output Type Ambient Light Sensor IC
BH1600FVC ROHM-BH1600FVC_10 Datasheet
272Kb / 9P
   Analog Current Output Type Ambient Light Sensor IC
BH1621FVC ROHM-BH1621FVC Datasheet
293Kb / 10P
   Analog Current Output Type Ambient Light Sensor IC
BH1600FVC ROHM-BH1600FVC Datasheet
255Kb / 5P
   Analog Output Ambient Light Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com