Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVQL10MB300D Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HVQL10MB300D
Description  1.0A 30kV--High Voltage Bridge Rectifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HVQL10MB300D Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HVQL10MB300D Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HVQL10MB300D
1.0A 30kV--High Voltage Bridge Rectifier
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2016 1 / 1
MAXIMUM RATINGS AND CHARACTERISTICS: (Absolute Maximum Ratings)
Items
Symbols
Condition
Data Value Units
Repetitive Peak Renerse Voltage
VRRM
Ta=25°C;
30
kV
Average Output Current
IO
Ta=25°C;Resistive Load
1.0
A
Suege Current
IFSM
Ta=25°C;8.3 mS
20
A
Junction Temperature
TJ
-40~+125
°C
Allowable Operation Case Temperature
Tc
125
°C
Storage Temperature
TSTG
-40~+125
°C
ELECTRICAL CHARACTERISTICS: Ta=25°C (Unless otherwise specified)
Items
Symbols
Condition
Data value Units
Maximum Forward Voltage Drop
VF
at 25°C;IF =IF(AV)
36
V
Maximum Reverse Current
IR1
at 25°C;VR =VRRM
5.0
uA
IR2
at 100°C;VR =VRRM
50
uA
Maximum Reverse Recovery Time
TRR
at 25°C; IF=mA; IR=mA; IRR=mA
--
nS
Junction Capacitance
CJ
at 25°C; VR=0V; f=1MHz
--
pF
HVGT high voltage bridge rectifier is made of high
quality glass passivated chip and high reliability epoxy
resin sealing structure, and through professional testing
equipment inspection qualified after to customers.
SHAPE DISPLAY:
SIZE: (Unit:mm)
HVGT NAME: HVQ-808
FEATURES:
1. High reliability design.
2. Large current design.
3. Power frequency ratio.
4. Conform to RoHS.
5. Epoxy resin molded in vacuumHave
anticorrosion in the surface.
APPLICATIONS:
1. Ignition device power supply.
2. Microwave emission power.
3. General purpose high voltage rectifier.
MECHANICAL DATA:
1. Case: epoxy resin molding.
2. Terminal: built-in M3 nut.
3. Net weight: 195 grams (approx).


Similar Part No. - HVQL10MB300D

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HVQL10MB300G GETEDZ-HVQL10MB300G Datasheet
472Kb / 1P
   1.0A 30kV--High Voltage Bridge Rectifier
More results

Similar Description - HVQL10MB300D

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HVQL10MB300G GETEDZ-HVQL10MB300G Datasheet
472Kb / 1P
   1.0A 30kV--High Voltage Bridge Rectifier
2CL30KV1A GETEDZ-2CL30KV1A_17 Datasheet
473Kb / 1P
   1.0A 30kV--High voltage silicon rectifier stack
HVQL10MB150D GETEDZ-HVQL10MB150D Datasheet
472Kb / 1P
   1.0A 15kV--High Voltage Bridge Rectifier
HVQL10MB200D GETEDZ-HVQL10MB200D Datasheet
472Kb / 1P
   1.0A 20kV--High Voltage Bridge Rectifier
HVQL10MB250G GETEDZ-HVQL10MB250G Datasheet
473Kb / 1P
   1.0A 25kV--High Voltage Bridge Rectifier
HVQL10MT200D GETEDZ-HVQL10MT200D Datasheet
472Kb / 1P
   1.0A 20kV--High Voltage Bridge Rectifier
HVQL10MT150G GETEDZ-HVQL10MT150G Datasheet
473Kb / 1P
   1.0A 15kV--High Voltage Bridge Rectifier
HVQL10MT200G GETEDZ-HVQL10MT200G Datasheet
473Kb / 1P
   1.0A 20kV--High Voltage Bridge Rectifier
HVQL10MB100D GETEDZ-HVQL10MB100D Datasheet
471Kb / 1P
   1.0A 10kV--High Voltage Bridge Rectifier
HVQL10MB250D GETEDZ-HVQL10MB250D Datasheet
472Kb / 1P
   1.0A 25kV--High Voltage Bridge Rectifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com