Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S24B12T200BK2 Datasheet(PDF) 5 Page - Vicor Corporation

Part # S24B12T200BK2
Description  DC-DC Converter Module
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

S24B12T200BK2 Datasheet(HTML) 5 Page - Vicor Corporation

  S24B12T200BK2 Datasheet HTML 1Page - Vicor Corporation S24B12T200BK2 Datasheet HTML 2Page - Vicor Corporation S24B12T200BK2 Datasheet HTML 3Page - Vicor Corporation S24B12T200BK2 Datasheet HTML 4Page - Vicor Corporation S24B12T200BK2 Datasheet HTML 5Page - Vicor Corporation S24B12T200BK2 Datasheet HTML 6Page - Vicor Corporation S24B12T200BK2 Datasheet HTML 7Page - Vicor Corporation S24B12T200BK2 Datasheet HTML 8Page - Vicor Corporation S24B12T200BK2 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
24V Mini Family
Rev 4.9
vicorpower.com
Page 5 of 15
01/2016
800 927.9474
24V Input
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
S24B12C200BL (enhanced efficiency)
87.0
90.0
%
Nominal input; full load; 25°C
V24B12C200BL (standard efficiency)
87.0
88.0
Ripple and noise
360
450
mV
p-p; Nominal input; full load; 20MHz bandwidth
Output OVP setpoint
13.8
14.4
15
Volts
25°C; recycle input voltage or PC to restart (>100ms off)
Dissipation, standby
4.6
7.4
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
16.67
Amps
Current limit
17
19.2
22.6
Amps
Output voltage 95% of nominal
Short circuit current
11.6
19.2
22.6
Amps
Output voltage <250mV
12VOUT, 200W (e.g. S24B12C200BL, V24B12C200BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
S24B8C200BL (enhanced efficiency)
87.0
89.0
%
Nominal input; full load; 25°C
V24B8C200BL (standard efficiency)
85.0
86.4
Ripple and noise
200
250
mV
p-p; Nominal input; full load; 20MHz bandwidth
Output OVP setpoint
9.36
9.7
10.1
Volts
25°C; recycle input voltage or PC to restart (>100ms off)
Dissipation, standby
5
6
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
25
Amps
Current limit
25.5
28.8
33.8
Amps
Output voltage 95% of nominal
Short circuit current
17.5
28.8
33.8
Amps
Output voltage <250mV
8VOUT, 200W (e.g. S24B8C200BL, V24B8C200BL)
MODULE SPECIFIC OPERATING SPECIFICATIONS (CONT.)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
S24B6V5C200BL (enhanced efficiency)
84.5
87.5
%
Nominal input; full load; 25°C
V24B6V5C200BL (standard efficiency)
83.2
84.6
Ripple and noise
182
230
mV
p-p; Nominal input; full load; 20MHz bandwidth
Output OVP setpoint
7.7
8.0
8.3
Volts
25°C; recycle input voltage or PC to restart (>100ms off)
Dissipation, standby
5.3
6.2
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
30.8
Amps
Current limit
31.4
35.4
41.5
Amps
Output voltage 95% of nominal
Short circuit current
21.5
35.4
41.5
Amps
Output voltage <250mV
6.5VOUT, 200W (e.g. S24B6V5C200BL, V24B6V5C200BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
S24B12C250BL (enhanced efficiency)
87.0
89.0
%
Nominal input; full load; 25°C
V24B12C250BL (standard efficiency)
86.0
87.4
Ripple and noise
172
215
mV
p-p; Nominal input; full load; 20MHz bandwidth
Output OVP setpoint
13.8
14.3
14.8
Volts
25°C; recycle input voltage or PC to restart (>100ms off)
Dissipation, standby
6.5
7.6
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load current
0
20.8
Amps
Current limit
21.3
24.0
28.1
Amps
Output voltage 95% of nominal
Short circuit current
14.6
24.0
28.1
Amps
Output voltage <250mV
12VOUT, 250W (e.g. S24B12C250BL, V24B12C250BL)


Similar Part No. - S24B12T200BK2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S24B-PADSS-1 ETC2-S24B-PADSS-1 Datasheet
111Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
S24B-PHDSS ETC2-S24B-PHDSS Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
S24B-PHDSS-B ETC2-S24B-PHDSS-B Datasheet
120Kb / 4P
   Disconnectable Crimp style connectors
S24B-PUDSS-1 ETC2-S24B-PUDSS-1 Datasheet
305Kb / 4P
   2.0mm pitch/Disconnectable Crimp style connectors
More results

Similar Description - S24B12T200BK2

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C5M50BL3 VICOR-V24C5M50BL3 Datasheet
1Mb / 15P
   DC-DC Converter Module
V24C12C150BL VICOR-V24C12C150BL Datasheet
1Mb / 15P
   DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2_16 Datasheet
373Kb / 14P
   DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL_15 Datasheet
1Mb / 11P
   DC-DC Converter Module
V375A28C600A VICOR-V375A28C600A Datasheet
194Kb / 8P
   DC-DC Converter Module
V24A24M300BL VICOR-V24A24M300BL Datasheet
784Kb / 13P
   DC-DC Converter Module
V300A5C300BL VICOR-V300A5C300BL Datasheet
808Kb / 13P
   DC-DC Converter Module
V110A8T300BL VICOR-V110A8T300BL Datasheet
1Mb / 13P
   DC-DC Converter Module
V375A48C600BL VICOR-V375A48C600BL Datasheet
837Kb / 15P
   DC-DC Converter Module
V24C48T100BL VICOR-V24C48T100BL Datasheet
1Mb / 15P
   DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com