Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSC-SZG05A0A Datasheet(PDF) 4 Page - Seoul Semiconductor

Part # SSC-SZG05A0A
Description  Lead Free product
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSC-SZG05A0A Datasheet(HTML) 4 Page - Seoul Semiconductor

  SSC-SZG05A0A Datasheet HTML 1Page - Seoul Semiconductor SSC-SZG05A0A Datasheet HTML 2Page - Seoul Semiconductor SSC-SZG05A0A Datasheet HTML 3Page - Seoul Semiconductor SSC-SZG05A0A Datasheet HTML 4Page - Seoul Semiconductor SSC-SZG05A0A Datasheet HTML 5Page - Seoul Semiconductor SSC-SZG05A0A Datasheet HTML 6Page - Seoul Semiconductor SSC-SZG05A0A Datasheet HTML 7Page - Seoul Semiconductor SSC-SZG05A0A Datasheet HTML 8Page - Seoul Semiconductor SSC-SZG05A0A Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
September 2012
September 2012
www.seoulsemicon.com
www.seoulsemicon.com
서식번호 : SSC- QP- 7- 07- 12 (Rev.00)
4
1. Full code of Z5 series
Revision No.
X
8
2. Internal Number
Green
G0
Full code form : X
1 X2 X3X4 X5X6 X7X8
1. Part Number
Z5 series
5
PKG Series
X
5
Color Specification
X
3X4
Z-Power LED series number
X
2
PCB Type
X
7
Lens type
X
6
X
1
Company
4


Similar Part No. - SSC-SZG05A0A

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSC-SZ5-M SEOUL-SSC-SZ5-M Datasheet
1Mb / 22P
   Super high Flux output and high Luminance
SSC-SZ5-P SEOUL-SSC-SZ5-P Datasheet
846Kb / 22P
   Super high Flux output and high Luminance
SSC-SZ5M SEOUL-SSC-SZ5M Datasheet
568Kb / 24P
   Super high Flux output and high Luminance
SSC-SZ5P SEOUL-SSC-SZ5P Datasheet
490Kb / 21P
   SMT solderable
SSC-SZA05A0A SEOUL-SSC-SZA05A0A Datasheet
793Kb / 21P
   Super high Flux output and high Luminance
More results

Similar Description - SSC-SZG05A0A

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SMJE-XD08W4PD SEOUL-SMJE-XD08W4PD Datasheet
1Mb / 25P
   Lead Free Product
logo
Zowie Technology Corpor...
DAN217G ZOWIE-DAN217G Datasheet
141Kb / 2P
   Switching Diode Lead free product
logo
Shanghai Leiditech Elec...
HL90-185 LEIDITECH-HL90-185 Datasheet
310Kb / 3P
   RoHS Compliant (Lead Free) Product
logo
Zowie Technology Corpor...
BAS16GH ZOWIE-BAS16GH Datasheet
51Kb / 2P
   Switching Diode Lead free product Halogen-free type
1SS355GH ZOWIE-1SS355GH_15 Datasheet
126Kb / 4P
   Switching Diode Lead free product Halogen-free type
BAS16HT1GH ZOWIE-BAS16HT1GH Datasheet
61Kb / 2P
   Switching Diode Lead free product Halogen-free type
1SS400GH ZOWIE-1SS400GH Datasheet
107Kb / 2P
   Switching Diode Lead free product Halogen-free type
logo
OSRAM GmbH
LOV196 OSRAM-LOV196 Datasheet
572Kb / 14P
   Lead (Pb) Free Product - RoHS Compliant
LGA676 OSRAM-LGA676 Datasheet
406Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LGP47K OSRAM-LGP47K Datasheet
452Kb / 16P
   Lead (Pb) Free Product RoHS Compliant
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com