Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSC-SZB05A0A Datasheet(PDF) 11 Page - Seoul Semiconductor

Part # SSC-SZB05A0A
Description  SMT solderable
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSC-SZB05A0A Datasheet(HTML) 11 Page - Seoul Semiconductor

Back Button SSC-SZB05A0A Datasheet HTML 7Page - Seoul Semiconductor SSC-SZB05A0A Datasheet HTML 8Page - Seoul Semiconductor SSC-SZB05A0A Datasheet HTML 9Page - Seoul Semiconductor SSC-SZB05A0A Datasheet HTML 10Page - Seoul Semiconductor SSC-SZB05A0A Datasheet HTML 11Page - Seoul Semiconductor SSC-SZB05A0A Datasheet HTML 12Page - Seoul Semiconductor SSC-SZB05A0A Datasheet HTML 13Page - Seoul Semiconductor SSC-SZB05A0A Datasheet HTML 14Page - Seoul Semiconductor SSC-SZB05A0A Datasheet HTML 15Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
APCPCWM_4828539:WP_0000001WP_0000001
September 2012
September 2012
www.seoulsemicon.com
www.seoulsemicon.com
서식번호 : SSC- QP- 7- 07- 12 (Rev.00)
11
Junction Temperature Characteristics
11
Junction Temperature vs. Dominant Wavelength at IF=350mA
40
60
80
100
120
140
-2
0
2
4
6
SZB05A0A
Junction Temperature [
oC]


Similar Part No. - SSC-SZB05A0A

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSC-SZ5-M SEOUL-SSC-SZ5-M Datasheet
1Mb / 22P
   Super high Flux output and high Luminance
SSC-SZ5-P SEOUL-SSC-SZ5-P Datasheet
846Kb / 22P
   Super high Flux output and high Luminance
SSC-SZ5M SEOUL-SSC-SZ5M Datasheet
568Kb / 24P
   Super high Flux output and high Luminance
SSC-SZ5P SEOUL-SSC-SZ5P Datasheet
490Kb / 21P
   SMT solderable
SSC-SZA05A0A SEOUL-SSC-SZA05A0A Datasheet
793Kb / 21P
   Super high Flux output and high Luminance
More results

Similar Description - SSC-SZB05A0A

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSC-SZ5P SEOUL-SSC-SZ5P Datasheet
490Kb / 21P
   SMT solderable
logo
METZ CONNECT GmbH
SM99S01VBNN00G7 METZ-SM99S01VBNN00G7 Datasheet
251Kb / 4P
   spring clamp terminal block, SMT solderable
SM99S01VBNN01G7 METZ-SM99S01VBNN01G7 Datasheet
244Kb / 4P
   spring clamp terminal block, SMT solderable
ASM01W0164-0G16 METZ-ASM01W0164-0G16 Datasheet
250Kb / 6P
   spring clamp terminal block, SMT solderable
ASM01Y0164-0G16 METZ-ASM01Y0164-0G16 Datasheet
240Kb / 6P
   spring clamp terminal block, SMT solderable
SM99S01VBNN02G7 METZ-SM99S01VBNN02G7 Datasheet
246Kb / 4P
   spring clamp terminal block, SMT solderable
SM99S01VBNN03G7 METZ-SM99S01VBNN03G7 Datasheet
250Kb / 4P
   spring clamp terminal block, SMT solderable
SM99S01VBNN04G7 METZ-SM99S01VBNN04G7 Datasheet
251Kb / 4P
   spring clamp terminal block, SMT solderable
logo
Suntan Capacitors
TSL-0805UB000MTH SUNTAN-TSL-0805UB000MTH Datasheet
399Kb / 3P
   Reflow Solderable
TSL-1206UR000MTH SUNTAN-TSL-1206UR000MTH Datasheet
400Kb / 3P
   Reflow Solderable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com