Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSC-FCW302 Datasheet(PDF) 9 Page - Seoul Semiconductor

Part # SSC-FCW302
Description  Applications : Mobile Handset Flash Light
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SSC-FCW302 Datasheet(HTML) 9 Page - Seoul Semiconductor

  SSC-FCW302 Datasheet HTML 1Page - Seoul Semiconductor SSC-FCW302 Datasheet HTML 2Page - Seoul Semiconductor SSC-FCW302 Datasheet HTML 3Page - Seoul Semiconductor SSC-FCW302 Datasheet HTML 4Page - Seoul Semiconductor SSC-FCW302 Datasheet HTML 5Page - Seoul Semiconductor SSC-FCW302 Datasheet HTML 6Page - Seoul Semiconductor SSC-FCW302 Datasheet HTML 7Page - Seoul Semiconductor SSC-FCW302 Datasheet HTML 8Page - Seoul Semiconductor SSC-FCW302 Datasheet HTML 9Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Rev. 0.00
September 2009
www.acriche.com
서식번호 : SSC-QP-7-07-24 (Rev.00)
1. Storage
To avoid absorption of moisture, it is recommended to store parts in a dry box (or desiccator) with a
desiccant. Otherwise, storage in the following environment is recommended.
Temperature : 5℃~30℃ Humidity : 60%HR max.
2. Parts stored more than one week after opening or if desiccant indicator shower color changes, it is
highly recommended that LED’s should be baked for 10~ 12 hours at 60˚C±5˚C
3. LEDs must be stored at clean atmosphere. If the LEDs are stored for 3 months or more after
shipment from SSC, storage in a sealed container with a nitrogen is recommended.
4. If the LED is considered to be wet, it is highly recommended that the LED should be dried for
100Hr at 80±5℃ or 12Hr at 100±5℃.
5. Any mechanical force or excess vibration should be avoided during temperature cooling
process to normal temperature after reflow
6. Rapid cooling should be avoided
7. LED should not be placed on a flexible area of the PCB
8. This device should not be used in any type of fluid such as water, oil, organic solvent and etc.
When washing is required, IPA should be used.
9. When the LED is operating in DC mode, the driving current should be determined after
considering the thermal properties of the application and maximum ambient temperature
requirements
10. Damage prevention from ESD or Surge.
1. It is highly recommended to use the wrist-band or anti electrostatic gloves when
handling the LED’s
2. All devices, equipments and machines mush be properly grounded
8. Precaution for Use


Similar Part No. - SSC-FCW302

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SSC-FCW100 SEOUL-SSC-FCW100 Datasheet
549Kb / 8P
   TOP LED DEVICE
SSC-FCW211Z SEOUL-SSC-FCW211Z Datasheet
510Kb / 7P
   FLASH LED DEVICE
More results

Similar Description - SSC-FCW302

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
FCW302 SEOUL-FCW302 Datasheet
278Kb / 9P
   Package: 3.5*2.8*0.85 mm Applications: Mobile Handset Flash Light
logo
Skyworks Solutions Inc.
SKY74691 SKYWORKS-SKY74691 Datasheet
54Kb / 2P
   Receiver for CDMA Mobile Handset Applications
SKY74076 SKYWORKS-SKY74076 Datasheet
57Kb / 2P
   Receiver for Dual-Band CDMA and GPS Mobile Handset Applications
SKY74693 SKYWORKS-SKY74693 Datasheet
58Kb / 2P
   Receiver for CDMA, AMPS, PCS, and GPS Mobile Handset Applications
logo
Sanyo Semicon Device
TIG066SS SANYO-TIG066SS Datasheet
483Kb / 6P
   Light-Controlling Flash Applications
TIG058E8 SANYO-TIG058E8 Datasheet
338Kb / 5P
   Light-Controlling Flash Applications
logo
Maxim Integrated Produc...
MAX8939 MAXIM-MAX8939_11 Datasheet
2Mb / 44P
   System Power Management for Mobile Handset
Rev 1; 11/11
logo
Sanyo Semicon Device
TIG065E8 SANYO-TIG065E8 Datasheet
136Kb / 6P
   Light-Controlling Flash Applications
TIG014TS SANYO-TIG014TS Datasheet
42Kb / 4P
   Light-Controlling Flash Applications
TIG067SS SANYO-TIG067SS Datasheet
581Kb / 9P
   Light-Controlling Flash Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com