Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAW8C22B-NZ Datasheet(PDF) 5 Page - Seoul Semiconductor

Part # SAW8C22B-NZ
Description  High Intensity output and high luminance
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SAW8C22B-NZ Datasheet(HTML) 5 Page - Seoul Semiconductor

  SAW8C22B-NZ Datasheet HTML 1Page - Seoul Semiconductor SAW8C22B-NZ Datasheet HTML 2Page - Seoul Semiconductor SAW8C22B-NZ Datasheet HTML 3Page - Seoul Semiconductor SAW8C22B-NZ Datasheet HTML 4Page - Seoul Semiconductor SAW8C22B-NZ Datasheet HTML 5Page - Seoul Semiconductor SAW8C22B-NZ Datasheet HTML 6Page - Seoul Semiconductor SAW8C22B-NZ Datasheet HTML 7Page - Seoul Semiconductor SAW8C22B-NZ Datasheet HTML 8Page - Seoul Semiconductor SAW8C22B-NZ Datasheet HTML 9Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
www.seoulsemicon.com
Product Data Sheet
SAW8C22B-NZ
– Acrich MJT 3030
 “제품 명 – 제품 군” 을 기입하십시오.
제품 군은 홈페이지 응용분야 분류기준을 참고한다.
(예) SZ5M0WWC9 – High-power LED
5
Font 글씨체
표(Table) - 제목: Arial 10pt, 표 내부: Arial 8pt, 본문(Body)
– Arial 9pt
 Revision numbering 기준:
• 가스펙은 0.0 부터 시작 0.x….
• Final 승인원: 1.0 부터 시작
• 기존에서 일부 수정: +0.1
• 새로운 Data 추가 /또는 기존 것 삭제: +1.0
 수정일자 표기형식; YYYY-MM-DD
(예) 2013-04-01
Rev1.0, Jun 22, 2016
Characteristics Graph
 차트 사각형에 차트의 X축/ Y축을 맞춘다.
Fig 1. Color Spectrum, T
j = 25ºC, IF=150mA
Fig 2. Radiant Pattern, T
j = 25ºC, IF=150mA
-100
-75
-50
-25
0
25
50
75
100
0
20
40
60
80
100
Angle [Degree]
300
400
500
600
700
800
0.0
0.5
1.0
2100~3700K
3700~4700K
4700~7000K
Wavelength [nm]


Similar Part No. - SAW8C22B-NZ

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
SAW8C22B-IZ SEOUL-SAW8C22B-IZ Datasheet
1Mb / 31P
   High Color Quality with CRI Min.80(R9>0)
More results

Similar Description - SAW8C22B-NZ

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
HR335 SEOUL-HR335 Datasheet
546Kb / 13P
   High flux output and high luminance
STB0FS12A SEOUL-STB0FS12A Datasheet
984Kb / 20P
   High flux output and high luminance
W49180 SEOUL-W49180 Datasheet
497Kb / 17P
   Super high flux output and high luminance
W49180-08 SEOUL-W49180-08 Datasheet
2Mb / 14P
   Super high flux output and high luminance
X42180-07 SEOUL-X42180-07 Datasheet
3Mb / 29P
   Super high flux output and high luminance
SZ5P SEOUL-SZ5P Datasheet
490Kb / 21P
   Super high Flux output and high Luminance
SSC-SZ5-M SEOUL-SSC-SZ5-M Datasheet
1Mb / 22P
   Super high Flux output and high Luminance
SSC-SZ5M SEOUL-SSC-SZ5M Datasheet
568Kb / 24P
   Super high Flux output and high Luminance
SZ5M SEOUL-SZ5M Datasheet
568Kb / 24P
   Super high Flux output and high Luminance
SZN05A0B SEOUL-SZN05A0B Datasheet
538Kb / 20P
   Super high Flux output and high Luminance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com