Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM455IU Datasheet(PDF) 4 Page - Shoulder Electronics Limited.

Part # LTM455IU
Description  CENTER FREQUENCY SHALL BE DEFIED AS THE CENTRAL VALUE OF THE BAND WITH AT 6 dB
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

LTM455IU Datasheet(HTML) 4 Page - Shoulder Electronics Limited.

  LTM455IU Datasheet HTML 1Page - Shoulder Electronics Limited. LTM455IU Datasheet HTML 2Page - Shoulder Electronics Limited. LTM455IU Datasheet HTML 3Page - Shoulder Electronics Limited. LTM455IU Datasheet HTML 4Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FILTER INTO THE ROOM CONDITIONS FOR 1 TO 2 HOURS PRIOR
TO
THE MEASUREMENT.
IT SHALL
FULFILL
THE SPECIFICATIONS IN
TABLE 1.
6-4
TEMPERATURE CYCLING
SUBJECT
THE
FILTER
TO A LOW TEMPERATURE OF -55℃ FOR 30
MINUTES. FOLLOWSING BY A HIGH TEMPERATURE
OF +85℃ FOR 30
MINUTES. THEN RELEASE THE FILTER INTO THE ROOM
CONDITIONS
FOR 1 TO 2 HOURS PRIOR TO THE MESUREMENT. IT SHALL MEET THE
SPECIFICATIONS IN TABLE 1.
6-5
RESISTANCE
TO SOLDER HEAT
DIP THE FILTER TERMINALS NO
CLOSER
THAN
1.5mm
INTO THE
SOLDER BATH AT 270℃ ±10℃ FOR 10±1 SEC. THEN RELEASE THE
FILTER
INTO
THE
ROOM
CONDITIONS
FOR 1 TO 2 HOURS. THE
FILTER SHALL MEET THE SPECIFICATIONS IN TABLE 1.
6-6
MECHANICAL SHOCK
DROP THE FILTER RANDOMLY ONTO THE
CONCRETE FLOOR FROM
THE
HEIGHT OF 30cm 3
TIMES.THE FILTER
SHALL FULFILL
THE
SPECIFICATIONS IN TABLE 1.
6-7
VIBRATION
SUBJECT THE FILTER TO THE
VIBRATION FOR 1 HOUR EACH IN X,Y
AND
Z AXES WITH THE
AMPLITUDE OF 1.5 mm AT 10 TO 55 Hz. THE
FILTER
SHALL
FULFILLTHE SPECIFICATIONS IN TABLE 1.
6-8
LEAD FATIGUE
6-8-1
PULLING TEST
WEIGHT
ALONG WITH THE DIRECTION OF LEAD WITHOUT AN
SHOCK 3 KG.
THE
FILTER SHALL SATISFY ALL THE
INITIAL
CHARACTERISTICS.
6-8-2
BENDING TEST
LEAD
SHALL BE SUBJECT TO
WITHSTAND
AGAINST
90℃
BENDING IN THE DERECTION OF THICKNESS. THIS OPERATION
SHALL BE
DONE
TOWARD
BOTH
DIRECTION. THE FILTER
SHALL SHOW
NO EVIDENCE OF DAMAGE AND SHALLSATISFY
ALL THE INITIAL ELECTRICAL CHARACTERISTICS.
TABLE 1
ITEM
SPECIFICATION
CENTRE FREQUENCY(f。)
450
±1.5 KHz Max
BAND WIDTH(6 dB)
±10.0 KHz Min
SELECTIVITY(40dB)
±20 KHz Max
STOP BAND ATTENUATION
30 dB Min
RIPPLE
2.5 dB Max
INSERTION LOSS
4 dB Max
Http://www.shoulder.cn
SHOULDER ELECTRONICS LIMITED
Page: 4


Similar Part No. - LTM455IU

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
LTM455IU AURIS-LTM455IU Datasheet
143Kb / 1P
   Filter THT
logo
ECS, Inc.
LTM455IU ECS-LTM455IU Datasheet
282Kb / 1P
   4 ELEMENT CERAMIC FILTER
logo
auris-GmbH
LTM455IU AURIS-LTM455IU Datasheet
185Kb / 1P
   Filter THT, Ceramic
logo
Token Electronics Indus...
LTM455IU TOKEN-LTM455IU Datasheet
342Kb / 3P
   LTM 455/450 Ceramic Filters
logo
Fronter Electronics Co....
LTM455IU FRONTER-LTM455IU Datasheet
182Kb / 1P
   22 PIN Version 6.5x6.5x6.2 mm
More results

Similar Description - LTM455IU

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
LTM-W SHOULDER-LTM-W Datasheet
110Kb / 4P
   CENTER FREQUENCY SHALL BE DEFIED AS THE CENTRAL VALUE OF THE BAND WITH AT 6 dB
LTUC-455 SHOULDER-LTUC-455 Datasheet
186Kb / 7P
   TEMPERATURE COEFFICIENT OF CENTER FREQUENCY SHALL BE DEFINED AS THE AVERAGE OF THE CENTRAL FREQUECY.
logo
TE Connectivity Ltd
408-8581 TEC-408-8581 Datasheet
63Kb / 3P
   crimping chamber crimps the center contact onto the center conductor of the coaxial cable.
logo
Tiger Electronic Co.,Lt...
LT10.7MS2 TGS-LT10.7MS2 Datasheet
460Kb / 8P
   This specification shall cover the characteristics of the ceramic
logo
Shoulder Electronics Li...
HDF860ES4 SHOULDER-HDF860ES4 Datasheet
169Kb / 8P
   The tape shall be wound around the reel in the direction shown below
HDF915ANS6 SHOULDER-HDF915ANS6 Datasheet
178Kb / 8P
   The tape shall be wound around the reel in the direction shown below
HDF866AS6 SHOULDER-HDF866AS6 Datasheet
169Kb / 8P
   The tape shall be wound around the reel in the direction shown below
logo
Shenzhen Huazhimei Semi...
HM8021B HMSEMI-HM8021B Datasheet
493Kb / 7P
   The brightness of the light can be adjusted as needed, and the operation is simple and convenient.
logo
TE Connectivity Ltd
408-10465 TEC-408-10465 Datasheet
60Kb / 1P
   Remove the four screws at the bottom of the light
108-1979 TEC-108-1979 Datasheet
266Kb / 5P
   Product shall be of the design, construction and physical dimensions specified on the applicable product drawing.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com