Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM455EU Datasheet(PDF) 3 Page - Shoulder Electronics Limited.

Part # LTM455EU
Description  CENTER FREQUENCY SHALL BE DEFIED AS THE CENTRAL VALUE OF THE BAND WITH AT 6 dB
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

LTM455EU Datasheet(HTML) 3 Page - Shoulder Electronics Limited.

  LTM455EU Datasheet HTML 1Page - Shoulder Electronics Limited. LTM455EU Datasheet HTML 2Page - Shoulder Electronics Limited. LTM455EU Datasheet HTML 3Page - Shoulder Electronics Limited. LTM455EU Datasheet HTML 4Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
B. MEASURING CIRCUIT
#S.S.G.
(STANDARD SIGNAL GENERATION)
R.F.V.M.
(RADIO FREQUENCY VOLTAGE METER)
Rg+R1=R2=1.5 KΩ
C<=50 PF
5.
DIMENSIONS(MM)
6.
ENVIRONMENTAL CHARACTERISTICS
6-1
HIGH TEMPERATURE EXPOSURE
SUBJECT THE
FILTER TO +80℃ FOR 96 HOURS. THEN RELEASE THE
F ILTER
INTO
THE SPECIFICATIONS IN TABLE 1.
6-2
MOISTURE
KEEP THE
FILTER
AT 40℃ AND 95% RH FOR 96 HOURS.THEN
RELEASE
THE FILTER INTO THE
ROOM
CONDITIONS
FOR
1 TO
2
HOURS
PRIOR TO THE MEASUREMENT. IT
SHALL FULFILL THE
SPECIFICATIONS IN TABLE 1.
6-3
LOW TEMPERATURE EXPOSURE
SUBJECT THE
FILTER TO -20℃ FOR 96 HOURS.
THEN RELEASE THE
Http://www.shoulder.cn
SHOULDER ELECTRONICS LIMITED
Page: 3


Similar Part No. - LTM455EU

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
LTM455EU AURIS-LTM455EU Datasheet
143Kb / 1P
   Filter THT
logo
ECS, Inc.
LTM455EU ECS-LTM455EU Datasheet
282Kb / 1P
   4 ELEMENT CERAMIC FILTER
logo
auris-GmbH
LTM455EU AURIS-LTM455EU Datasheet
185Kb / 1P
   Filter THT, Ceramic
logo
Token Electronics Indus...
LTM455EU TOKEN-LTM455EU Datasheet
342Kb / 3P
   LTM 455/450 Ceramic Filters
logo
Fronter Electronics Co....
LTM455EU FRONTER-LTM455EU Datasheet
182Kb / 1P
   22 PIN Version 6.5x6.5x6.2 mm
More results

Similar Description - LTM455EU

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
LTM-W SHOULDER-LTM-W Datasheet
110Kb / 4P
   CENTER FREQUENCY SHALL BE DEFIED AS THE CENTRAL VALUE OF THE BAND WITH AT 6 dB
LTUC-455 SHOULDER-LTUC-455 Datasheet
186Kb / 7P
   TEMPERATURE COEFFICIENT OF CENTER FREQUENCY SHALL BE DEFINED AS THE AVERAGE OF THE CENTRAL FREQUECY.
logo
TE Connectivity Ltd
408-8581 TEC-408-8581 Datasheet
63Kb / 3P
   crimping chamber crimps the center contact onto the center conductor of the coaxial cable.
logo
Tiger Electronic Co.,Lt...
LT10.7MS2 TGS-LT10.7MS2 Datasheet
460Kb / 8P
   This specification shall cover the characteristics of the ceramic
logo
Shoulder Electronics Li...
HDF860ES4 SHOULDER-HDF860ES4 Datasheet
169Kb / 8P
   The tape shall be wound around the reel in the direction shown below
HDF915ANS6 SHOULDER-HDF915ANS6 Datasheet
178Kb / 8P
   The tape shall be wound around the reel in the direction shown below
HDF866AS6 SHOULDER-HDF866AS6 Datasheet
169Kb / 8P
   The tape shall be wound around the reel in the direction shown below
logo
Shenzhen Huazhimei Semi...
HM8021B HMSEMI-HM8021B Datasheet
493Kb / 7P
   The brightness of the light can be adjusted as needed, and the operation is simple and convenient.
logo
TE Connectivity Ltd
408-10465 TEC-408-10465 Datasheet
60Kb / 1P
   Remove the four screws at the bottom of the light
108-1979 TEC-108-1979 Datasheet
266Kb / 5P
   Product shall be of the design, construction and physical dimensions specified on the applicable product drawing.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com