Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAB0410018 Datasheet(PDF) 2 Page - Power System Technology

Part # FAB0410018
Description  Defence
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

FAB0410018 Datasheet(HTML) 2 Page - Power System Technology

  FAB0410018 Datasheet HTML 1Page - Power System Technology FAB0410018 Datasheet HTML 2Page - Power System Technology FAB0410018 Datasheet HTML 3Page - Power System Technology FAB0410018 Datasheet HTML 4Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Safety :
built to meet EN60950
EMI :
built to meet MIL-STD-461, conducted.
ENVIRONMENTAL
Storage temperature :
-50°C to +100°C
Operating temperature :
-40°C to 50°C ambiant, forced air, nominal power
ISOLATION
GENERAL
SIGNALS
V1 ON/OFF by MOSFET :
Connect to 12Vdc for enable
V1 ON/OFF by relay :
Connect to 12Vdc for enable
Output voltage measurement
Output measurement current
FAB0410018
2/4
Rev. 00
Input to chassis :
1500Vrms or 2121Vdc
750Vdc
Input to Output :
3000Vrms or 4242Vdc
750Vdc
Output to Chassis :
750Vdc
750Vdc
AC INPUT
DC INPUT


Similar Part No. - FAB0410018

ManufacturerPart #DatasheetDescription
logo
Power System Technology
FAB0410013 PST-FAB0410013 Datasheet
259Kb / 3P
   Defence application, vehicle embedded. IP54 protected
More results

Similar Description - FAB0410018

ManufacturerPart #DatasheetDescription
logo
Power System Technology
FAB0401001 PST-FAB0401001 Datasheet
230Kb / 3P
   Naval defence
FAB0203013 PST-FAB0203013 Datasheet
208Kb / 3P
   Defence : Missile launcher simulator
FAB0410013 PST-FAB0410013 Datasheet
259Kb / 3P
   Defence application, vehicle embedded. IP54 protected
FAB0907019 PST-FAB0907019 Datasheet
362Kb / 4P
   Defence, Industrial and hard environment applications
logo
ETAL Group
483-G ETAL-483-G Datasheet
308Kb / 4P
   Aircraft systems and equipment (fixed wing and helicopters); other extra low voltage wiring applications; defence equipment; communications systems
583-G ETAL-583-G Datasheet
267Kb / 4P
   Aircraft systems and equipment (fixed wing and helicopters); other extra low voltage wiring applications; defence equipment; communications systems
413-K14 ETAL-413-K14 Datasheet
209Kb / 4P
   Extra low voltage wiring systems on all types of vehicles for land, sea and air; defence equipment; battery powered machines
452-K34 ETAL-452-K34 Datasheet
165Kb / 2P
   Extra low voltage wiring systems on all types of vehicle for land, sea and air; defence equipment; battery powered machines.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com