Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA4308.564NLT Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PA4308.564NLT
Description  Unshielded Drum Core Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA4308.564NLT Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PA4308.564NLT Datasheet HTML 1Page - Pulse A Technitrol Company PA4308.564NLT Datasheet HTML 2Page - Pulse A Technitrol Company PA4308.564NLT Datasheet HTML 3Page - Pulse A Technitrol Company PA4308.564NLT Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
P756.B (08/15)
1
pulseelectronics.com
Unshielded Drum Core Inductor
PA4306.XXXNL, PA4307.XXXNL & PA4308.XXXNL Series
Pulse Jack
E l e c t r o n i c s
Height: 3.1mm (PA4306), 3.5mm (PA4307) and
4.8mm (PA4310) Max
Footprint: 7.3 x 7.3 mm Max
Current Rating: 0.22A to 12A
Inductance Range: 1uH to 1000uH
Electrical Specifications @ 25°C — Operating Temperature -40°C to 125°C
1,2
3
Pulse Part Number
Inductance (uH)
Rated Current (A) Max
DC Resistance (m
Ω) Max
Package Size (mm)
PA4306.102NLT
1.0
5.9
33
PA4306.152NLT
1.5
5.7
35
PA4306.222NLT
2.2
5
45
PA4306.332NLT
3.3
4
60
PA4306.472NLT
4.7
3.3
72
PA4306.562NLT
5.6
3
85
PA4306.682NLT
6.8
2.7
120
PA4306.822NLT
8.2
2.4
130
PA4306.103NLT
10
2.1
140
PA4306.153NLT
15
1.8
208
PA4306.223NLT
22
1.5
286
PA4306.333NLT
33
1.2
470
PA4306.473NLT
47
1
640
PA4306.563NLT
56
0.95
810
PA4306.683NLT
68
0.82
975
7.3 x 7.3 x 3.1mm Max
PA4306.823NLT
82
0.8
1053
PA4306.104NLT
100
0.75
1210
PA4306.124NLT
120
0.63
1690
PA4306.154NLT
150
0.6
1820
PA4306.184NLT
180
0.52
2340
PA4306.224NLT
220
0.44
2700
PA4306.274NLT
270
0.42
4030
PA4306.334NLT
330
0.4
4680
PA4306.394NLT
390
0.36
5070
PA4306.474NLT
470
0.35
5720
PA4306.564NLT
560
0.3
6630
PA4306.684NLT
680
0.28
8580
PA4306.824NLT
820
0.25
11800
PA4306.105NLT
1000
0.22
14950


Similar Part No. - PA4308.564NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4308 PULSE-PA4308 Datasheet
1Mb / 3P
   SMT UNSHIELDED DRUM CORE INDUCTORS
More results

Similar Description - PA4308.564NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4305.102NLT PULSE-PA4305.102NLT Datasheet
565Kb / 2P
   Unshielded Drum Core Inductor
PA4309.102NLT PULSE-PA4309.102NLT Datasheet
635Kb / 3P
   Unshielded Drum Core Inductor
P0250.102NL PULSE-P0250.102NL Datasheet
173Kb / 1P
   Unshielded Drum Core
P1252.781NL PULSE-P1252.781NL Datasheet
187Kb / 1P
   Unshielded Drum Core
PF0638NL PULSE-PF0638NL Datasheet
80Kb / 2P
   Unshielded Drum Core
PF0504.681NL PULSE-PF0504.681NL Datasheet
187Kb / 2P
   Unshielded Drum Core
PB2020.681NL PULSE-PB2020.681NL Datasheet
96Kb / 1P
   Unshielded Drum Core
PF0580 PULSE-PF0580_16 Datasheet
1Mb / 3P
   SMT UNSHIELDED DRUM CORE INDUCTORS
PG0016NL PULSE-PG0016NL Datasheet
458Kb / 2P
   Unshielded Drum Core ??PG0016NL Series
PF0580NL PULSE-PF0580NL Datasheet
156Kb / 2P
   Unshielded Drum Core - PF0580NL Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com