Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAB0105003 Datasheet(PDF) 3 Page - Power System Technology

Part # FAB0105003
Description  Medical
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PST [Power System Technology]
Direct Link  http://www.powersystemtechnology.com/
Logo PST - Power System Technology

FAB0105003 Datasheet(HTML) 3 Page - Power System Technology

  FAB0105003 Datasheet HTML 1Page - Power System Technology FAB0105003 Datasheet HTML 2Page - Power System Technology FAB0105003 Datasheet HTML 3Page - Power System Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MECHANICALS
PIN
INPUT 85-265Vac
INPUT 1 : CN1 - AMP 350786-1
1
AC/L
2
AC/N
PIN
INPUT 21-33Vdc
INPUT 2 : CN2 - MOLEX 39281023
1
-
2
+
PIN
INPUT BATTERY
INPUT 3 : CN3 - MOLEX 39281043
1
+ Battery
2
+ Battery
3
CTN Battery
4
- Battery
PIN
OUTPUT
OUTPUT : CN5 - MOLEX 39281083
1
+ 34,5V
2
0V
3
+12V
4
0V
5
+12V
6
0V
7
+5V
8
0V
PIN
SIGNAL
OUTPUT : CN4 - MOLEX 90325-00010
1
Auto shuttoff battery
2
Charge mode
3
AC Input OK
4
+ Battery
5
Report on/off
6
DC Input OK
7
0V
8
+ permanent battery
9
Inhibit chargeur (by 0V)
10
NC
CN1
CN2
CN3
CN4
CN5
FAB0105003
3/3


Similar Part No. - FAB0105003

ManufacturerPart #DatasheetDescription
logo
Power System Technology
FAB0109007 PST-FAB0109007 Datasheet
218Kb / 3P
   Fan cooled PSU for embedded railways applicatio
More results

Similar Description - FAB0105003

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MG06200S-BN4MM LITTELFUSE-MG06200S-BN4MM Datasheet
1Mb / 5P
   Medical applications
logo
FSP TECHNOLOGY INC.
FSP150-KBAM1 FSP-FSP150-KBAM1 Datasheet
147Kb / 1P
   Medical PSU
FSP135-KHAM1 FSP-FSP135-KHAM1 Datasheet
126Kb / 1P
   Medical PSU
FSP135-KKAM1 FSP-FSP135-KKAM1 Datasheet
126Kb / 1P
   Medical PSU
logo
XP Power Limited
SDM XPPOWER-SDM Datasheet
516Kb / 4P
   Medical Approvals
logo
Littelfuse
MG12400D-BN2MM LITTELFUSE-MG12400D-BN2MM Datasheet
1Mb / 5P
   Medical applications
logo
FSP TECHNOLOGY INC.
FSP202-1K30M1 FSP-FSP202-1K30M1 Datasheet
159Kb / 1P
   Medical PSU
FSP135-KAAM1 FSP-FSP135-KAAM1 Datasheet
126Kb / 1P
   Medical PSU
logo
XP Power Limited
SDU XPPOWER-SDU Datasheet
201Kb / 2P
   Medical Approvals
logo
Power System Technology
FAB9810012-16 PST-FAB9810012-16 Datasheet
216Kb / 3P
   Industrial / Medical
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com