Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMP06BRT-REEL Datasheet(PDF) 10 Page - Analog Devices

Part # TMP06BRT-REEL
Description  짹0.5째C Accurate PWM Temperature Sensor in 5-Lead SC-70
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

TMP06BRT-REEL Datasheet(HTML) 10 Page - Analog Devices

Back Button TMP06BRT-REEL Datasheet HTML 6Page - Analog Devices TMP06BRT-REEL Datasheet HTML 7Page - Analog Devices TMP06BRT-REEL Datasheet HTML 8Page - Analog Devices TMP06BRT-REEL Datasheet HTML 9Page - Analog Devices TMP06BRT-REEL Datasheet HTML 10Page - Analog Devices TMP06BRT-REEL Datasheet HTML 11Page - Analog Devices TMP06BRT-REEL Datasheet HTML 12Page - Analog Devices TMP06BRT-REEL Datasheet HTML 13Page - Analog Devices TMP06BRT-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
TMP05/TMP06
Rev. 0 | Page 10 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
10
9
8
7
6
5
4
3
2
1
0
–50
–30
–10
10
30
50
70
90
110
130
150
TEMPERATURE (
°C)
VDD = 3.3V
OUT PIN LOADED WITH 10k
Figure 6. PWM Output Frequency vs. Temperature
8.37
8.36
8.35
8.34
8.33
8.32
8.31
8.30
8.29
3.0
5.4
5.1
4.8
4.5
4.2
3.9
3.6
3.3
SUPPLY VOLTAGE (V)
OUT PIN LOADED WITH 10k
AMBIENT TEMPERATURE = 25
°C
Figure 7. PWM Output Frequency vs. Supply Voltage
140
120
100
80
60
40
20
0
–50
–30
–10
10
30
50
70
90
110
130
150
TEMPERATURE (
°C)
VDD = 3.3V
OUT PIN LOADED WITH 10k
TL TIME
TH TIME
Figure 8. TH and TL Times vs. Temperature
0
0
100ns/DIV
1V/DIV
VDD = 3.3V
CLOAD = 100pF
TIME (ns)
Figure 9. TMP05 Output Rise Time at 25°C
0
0
100ns/DIV
1V/DIV
VDD = 3.3V
CLOAD = 100pF
TIME (ns)
Figure 10. TMP05 Output Fall Time at 25°C
0
0
100ns/DIV
1V/DIV
VDD = 3.3V
RPULLUP = 1kΩ
RLOAD = 10 kΩ
CLOAD = 100pF
TIME (ns)
Figure 11. TMP06 Output Fall Time at 25°C


Similar Part No. - TMP06BRT-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP06 AD-TMP06_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
More results

Similar Description - TMP06BRT-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP05 AD-TMP05_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
TMP06 AD-TMP06_15 Datasheet
468Kb / 28P
   0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
logo
ATMEL Corporation
AT30TS01 ATMEL-AT30TS01 Datasheet
850Kb / 30P
   짹0.5째C Accurate, 1.7V Digital Temperature Sensor
logo
Analog Devices
ADT7310 AD-ADT7310 Datasheet
455Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital SPI Temperature Sensor
REV. 0
ADT7410 AD-ADT7410 Datasheet
452Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
logo
ATMEL Corporation
AT30TS75 ATMEL-AT30TS75 Datasheet
309Kb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
AT30TS75A ATMEL-AT30TS75A Datasheet
1Mb / 37P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor
AT30TSE752A ATMEL-AT30TSE752A_14 Datasheet
1Mb / 57P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
AT30TS750 ATMEL-AT30TS750 Datasheet
1Mb / 50P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
AT30TS750A ATMEL-AT30TS750A Datasheet
1Mb / 48P
   9- to 12-bit Selectable, 짹0.5째C Accurate Digital Temperature Sensor with Nonvolatile Registers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com