Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TA2020-020 Datasheet(PDF) 2 Page - Tripath Technology Inc.

Part No. TA2020-020
Description  Stereo 20W (4Ω) Class-T Digital Audio Amplifier using Digital Power Processing Technology
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TA2020-020 Datasheet(HTML) 2 Page - Tripath Technology Inc.

  TA2020-020 Datasheet HTML 1Page - Tripath Technology Inc. TA2020-020 Datasheet HTML 2Page - Tripath Technology Inc. TA2020-020 Datasheet HTML 3Page - Tripath Technology Inc. TA2020-020 Datasheet HTML 4Page - Tripath Technology Inc. TA2020-020 Datasheet HTML 5Page - Tripath Technology Inc. TA2020-020 Datasheet HTML 6Page - Tripath Technology Inc. TA2020-020 Datasheet HTML 7Page - Tripath Technology Inc. TA2020-020 Datasheet HTML 8Page - Tripath Technology Inc. TA2020-020 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TECHNICAL INFORMATION
2 of 13
TA2020-020, Rev. 4.0, 09.00
Absolute Maximum Ratings (Note 1)
SYMBOL
PARAMETER
Value
UNITS
VDD
Supply Voltage
16
V
TSTORE
Storage Temperature Range
-40
° to 150°
C
TA
Operating Free-air Temperature Range
-40
° to 85°
C
TJ
Junction Temperature
150
°
C
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Operating Conditions (Note 2)
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNITS
VDD
Supply Voltage
8.5
13.5
14.6
V
VIH
High-level Input Voltage (MUTE, SLEEP)
3.5
V
VIL
Low-level Input Voltage (MUTE, SLEEP)
1
V
Note 2: Recommended Operating Conditions indicate conditions for which the device is functional.
See Electrical Characteristics for guaranteed specific performance limits.
Thermal Characteristics
SYMBOL
PARAMETER
Value
UNITS
θJC
Junction-to-case Thermal Resistance
3.5
°
C/W
θJA
Junction-to-ambient Thermal Resistance
15
°
C/W
B


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
TA0102A STEREO 150W 4Ω CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPPTM TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TA0103A Stereo 250W 4Ω Class-T Digital Audio Amplifier Driver using Digital Power Processing DPPTM Technology 1  2  3  4  5  More Tripath Technology Inc.
TA0104A STEREO 500W 4Ω CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPPTM TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TDA2500 STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPP TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TA2022 STEREO 90W 4Ω CLASS-T™ DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPP™ TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TA2021B STEREO 25W 4OHM CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPP TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TK2070 STEREO 70W 4Ohm CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPP TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TK2150 STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TIO-TA1101B STEREO 20W 4-ohm CLASS-T DIGITAL AUDIO AMPLIFIER CARD USING DIGITAL POWER PROCESSING-TM TECHNOLOGY 1  2  3  4  5  List of Unclassifed Manufacturers
TA3020 Stereo 300W 4Ω Class-T Digital Audio Amplifier Driver using Digital Power ProcessingTM Technology 1  2  3  4  5  More Tripath Technology Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn