Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TA2020-020 Datasheet(PDF) 13 Page - Tripath Technology Inc.

Part No. TA2020-020
Description  Stereo 20W (4Ω) Class-T Digital Audio Amplifier using Digital Power Processing Technology
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TA2020-020 Datasheet(HTML) 13 Page - Tripath Technology Inc.

Back Button TA2020-020 Datasheet HTML 5Page - Tripath Technology Inc. TA2020-020 Datasheet HTML 6Page - Tripath Technology Inc. TA2020-020 Datasheet HTML 7Page - Tripath Technology Inc. TA2020-020 Datasheet HTML 8Page - Tripath Technology Inc. TA2020-020 Datasheet HTML 9Page - Tripath Technology Inc. TA2020-020 Datasheet HTML 10Page - Tripath Technology Inc. TA2020-020 Datasheet HTML 11Page - Tripath Technology Inc. TA2020-020 Datasheet HTML 12Page - Tripath Technology Inc. TA2020-020 Datasheet HTML 13Page - Tripath Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
TECHNICAL INFORMATION
TA2020-020, Rev. 4.0, 09.00
13 of 13
ADVANCED INFORMATION – This is a product in development. Tripath Technology Inc. reserves
the right to make any changes without further notice to improve reliability, function or design.
Tripath and Digital Power Processing are trademarks of Tripath Technology Inc. Other trademarks
referenced in this document are owned by their respective companies.
Tripath Technology Inc. reserves the right to make changes without further notice to any products
herein to improve reliability, function or design. Tripath does not assume any liability arising out of
the application or use of any product or circuit described herein; neither does it convey any license
under its patent rights, nor the rights of others.
TRIPATH’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN
LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN CONSENT OF
THE PRESIDENT OF TRIPATH TECHNOLOGY INC. As used herein:
1. Life support devices or systems are devices or systems which, (a) are intended for surgical
implant into the body, or (b) support or sustain life, and whose failure to perform, when properly
used in accordance with instructions for use provided in this labeling, can be reasonably
expected to result in significant injury to the user.
2. A critical component is any component of a life support device or system whose failure to
perform can be reasonably expected to cause the failure of the life support device or system, or
to affect its safety or effectiveness.
For more information on Tripath products, visit our web site at: www.tripath.com
World Wide Sales Offices
Western United States:
Jim Hauer
jhauer@tripath.com
408-567-3089
Taiwan, HK, China:
Jim Hauer
jhauer@tripath.com
408-567-3089
Japan:
Osamu Ito
ito@tripath.com
81-42-334-2433
Europe:
Steve Tomlinson
stomlinson@tripath.com
44-1672-86-1020
B
TRIPATH TECHNOLOGY, INC.
3900 Freedom Circle, Suite 200
Santa Clara, California 95054
408-567-3000
B


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
TA0102A STEREO 150W 4Ω CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPPTM TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TA0103A Stereo 250W 4Ω Class-T Digital Audio Amplifier Driver using Digital Power Processing DPPTM Technology 1  2  3  4  5  More Tripath Technology Inc.
TA0104A STEREO 500W 4Ω CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPPTM TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TDA2500 STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPP TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TA2022 STEREO 90W 4Ω CLASS-T™ DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPP™ TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TA2021B STEREO 25W 4OHM CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPP TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TK2070 STEREO 70W 4Ohm CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPP TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TK2150 STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY 1  2  3  4  5  More Tripath Technology Inc.
TIO-TA1101B STEREO 20W 4-ohm CLASS-T DIGITAL AUDIO AMPLIFIER CARD USING DIGITAL POWER PROCESSING-TM TECHNOLOGY 1  2  3  4  5  List of Unclassifed Manufacturers
TA3020 Stereo 300W 4Ω Class-T Digital Audio Amplifier Driver using Digital Power ProcessingTM Technology 1  2  3  4  5  More Tripath Technology Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn