Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TA2020-020 Datasheet(PDF) 1 Page - Tripath Technology Inc.

Part No. TA2020-020
Description  Stereo 20W (4Ω) Class-T Digital Audio Amplifier using Digital Power Processing Technology
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIPATH [Tripath Technology Inc.]
Homepage  http://www.etelos.com/
Logo 

TA2020-020 Datasheet(HTML) 1 Page - Tripath Technology Inc.

 
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TEC H NIC A L INFOR M ATION
1 of 13
TA2020-020, Rev. 4.0, 09.00
Stereo 20W (4
Ω) Class-T Digital Audio Amplifier using
Digital Power ProcessingTM Technology
TA2020-020
September, 2000
General Description
The TA2020-020 is a 20W continuous average two-channel Class-T Digital Audio Power
Amplifier IC using Tripath’s proprietary Digital Power Processing
TM technology. Class-T
amplifiers offer both the audio fidelity of Class-AB and the power efficiency of Class-D
amplifiers.
Applications
DVD Players
Mini/Micro Component Systems
Automotive Audio
Computer / PC Multimedia
Cable Set-Top Products
Televisions
Battery Powered Systems
Benefits
Fully integrated solution with FETs
Easier to design-in than Class-D
Reduced system cost with no heat sink
Dramatically improves efficiency versus
Class-AB
Signal fidelity equal to high quality linear
amplifiers
High dynamic range compatible with
digital media such as CD, DVD, and
internet audio
Features
Class-T architecture
Single Supply Operation
“Audiophile” Quality Sound
0.03% THD+N @ 10W 4
0.1% THD+N @12W 4
0.18% IHF-IM @ 1W 4
High Power
13W @ 8
Ω, 10% THD+N
23W @ 4
Ω, 10% THD+N
38W EIAJ* VDD=14.4V @ 4
*saturated square wave output
High Efficiency
88% @ 12W 8
81% @ 20W 4
Dynamic Range = 103 dB
Up to 2X25Wrms @ 4
Ω, VDD=14.6V
Mute and Sleep inputs
Turn-on & turn-off pop suppression
Over-current protection
Over-temperature protection
Bridged outputs
32-pin SSIP package
Typical Performance
Output Power (W)
THD+N versus Output Power
VDD = 13.5V
Av = 12
f = 1kHz
BW = 22Hz - 22kHz
1
2
3
4
5 6 7 8 9 10
20
500m
R
L= 8Ω
R
L= 4Ω
1
2
5
0.02
0.01
0.05
0.1
0.2
0.5
10
B


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TA0102ASTEREO 150W 4Ω CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPPTM TECHNOLOGY 1 2 3 4 5 MoreTripath Technology Inc.
TA0103AStereo 250W 4Ω Class-T Digital Audio Amplifier Driver using Digital Power Processing DPPTM Technology 1 2 3 4 5 MoreTripath Technology Inc.
TA0104ASTEREO 500W 4Ω CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPPTM TECHNOLOGY 1 2 3 4 5 MoreTripath Technology Inc.
TDA2500STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPP TECHNOLOGY 1 2 3 4 5 MoreTripath Technology Inc.
TA2022STEREO 90W 4Ω CLASS-T™ DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPP™ TECHNOLOGY 1 2 3 4 5 MoreTripath Technology Inc.
TA2021BSTEREO 25W 4OHM CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPP TECHNOLOGY 1 2 3 4 5 MoreTripath Technology Inc.
TK2070STEREO 70W 4Ohm CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING DPP TECHNOLOGY 1 2 3 4 5 MoreTripath Technology Inc.
TK2150STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY 1 2 3 4 5 MoreTripath Technology Inc.
TIO-TA1101BSTEREO 20W 4-ohm CLASS-T DIGITAL AUDIO AMPLIFIER CARD USING DIGITAL POWER PROCESSING-TM TECHNOLOGY 1 2 3 4 5 List of Unclassifed Manufacturers
TA3020Stereo 300W 4Ω Class-T Digital Audio Amplifier Driver using Digital Power ProcessingTM Technology 1 2 3 4 5 MoreTripath Technology Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn