Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUB75P03-08 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SUB75P03-08
Description  P-Channel 30-V (D-S), 175C MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SUB75P03-08 Datasheet(HTML) 1 Page - Vishay Siliconix

  SUB75P03-08 Datasheet HTML 1Page - Vishay Siliconix SUB75P03-08 Datasheet HTML 2Page - Vishay Siliconix SUB75P03-08 Datasheet HTML 3Page - Vishay Siliconix SUB75P03-08 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SUP/SUB75P03-08
Vishay Siliconix
Document Number: 70772
S-05111—Rev. D, 10-Dec-99
www.vishay.com
1
P-Channel 30-V (D-S), 175
_C MOSFET
PRODUCT SUMMARY
V(BR)DSS (V)
rDS(on) (W)
ID (A)
–30
0.008
–75a
SUP75P03-08
SUB75P03-08
DRAIN connected to TAB
S
G
D
P-Channel MOSFET
TO-220AB
Top View
GD S
TO-263
S
G
Top View
D
ABSOLUTE MAXIMUM RATINGS (TC = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Limit
Unit
Gate-Source Voltage
VGS
"20
V
Continuous Drain Current
TC = 25_C
–75a
Continuous Drain Current
(TJ = 175_C)
TC = 125_C
ID
–65
Pulsed Drain Current
IDM
–200
A
Avalanche Current
IAR
–75
Repetitive Avalanche Energyb
L = 0.1 mH
EAR
280
mJ
TC = 25_C (TO-220AB and TO-263)
250d
Power Dissipation
TA = 25_C (TO-263)c
PD
3.7
W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 175
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Limit
Unit
PCB Mount (TO-263)c
RthJA
40
Junction-to-Ambient
Free Air (TO-220AB)
RthJA
62.5
_C/W
Junction-to-Case
RthJC
0.6
Notes:
a.
Package limited.
b.
Duty cycle
v 1%.
c.
When mounted on 1” square PCB (FR-4 material).
d.
See SOA curve for voltage derating.


Similar Part No. - SUB75P03-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SUB75P03-07 VISHAY-SUB75P03-07 Datasheet
63Kb / 5P
   P-Channel 30-V (D-S) 175C MOSFET
Rev. B, 24-Apr-00
SUB75P03-07 VISHAY-SUB75P03-07 Datasheet
115Kb / 6P
   P-Channel 30-V (D-S) 175 °C MOSFET
Rev. D, 24-Dec-07
SUB75P03-07-E3 VISHAY-SUB75P03-07-E3 Datasheet
115Kb / 6P
   P-Channel 30-V (D-S) 175 °C MOSFET
Rev. D, 24-Dec-07
logo
VBsemi Electronics Co.,...
SUB75P03-07-E3 VBSEMI-SUB75P03-07-E3 Datasheet
864Kb / 8P
   P-Channel 30-V (D-S) MOSFET
More results

Similar Description - SUB75P03-08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ941EP-T1 VISHAY-SQJ941EP-T1 Datasheet
184Kb / 10P
   Automotive Dual P-Channel 30 V (D-S) 175C MOSFET
Rev. C, 30-Jul-12
SUD50N03-07AP VISHAY-SUD50N03-07AP Datasheet
51Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. C, 16-Jun-03
SUM85N03-06P VISHAY-SUM85N03-06P Datasheet
89Kb / 6P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. B, 08-Dec-03
SUP75N03-04 VISHAY-SUP75N03-04 Datasheet
41Kb / 4P
   N-Channel 30-V (D-S), 175C MOSFET
Rev. E, 18-Jun-01
SUP75N03-07 VISHAY-SUP75N03-07 Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. D, 27-Mar-00
SUP45N03-13L VISHAY-SUP45N03-13L Datasheet
42Kb / 4P
   N-Channel 30-V (D-S), 175C MOSFET
Rev. F, 29-Oct-01
SUM40N03-30L VISHAY-SUM40N03-30L Datasheet
62Kb / 5P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. A, 24-Jan-05
SUD70N03-04P VISHAY-SUD70N03-04P Datasheet
59Kb / 4P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. B, 03-May-04
SUM85N03-07P VISHAY-SUM85N03-07P Datasheet
47Kb / 5P
   N-Channel 30-V (D-S) 175C MOSFET
Rev. A, 19-May-03
SI9407AEY VISHAY-SI9407AEY Datasheet
56Kb / 4P
   P-Channel 60-V (D-S), 175C MOSFET
Rev. C, 29-Nov-99
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com