Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSC400-1103Q0001KI2T Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # DSC400-1103Q0001KI2T
Description  Configurable Four Output, Low Jitter Crystal-less??Clock Generator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

DSC400-1103Q0001KI2T Datasheet(HTML) 2 Page - Micrel Semiconductor

  DSC400-1103Q0001KI2T Datasheet HTML 1Page - Micrel Semiconductor DSC400-1103Q0001KI2T Datasheet HTML 2Page - Micrel Semiconductor DSC400-1103Q0001KI2T Datasheet HTML 3Page - Micrel Semiconductor DSC400-1103Q0001KI2T Datasheet HTML 4Page - Micrel Semiconductor DSC400-1103Q0001KI2T Datasheet HTML 5Page - Micrel Semiconductor DSC400-1103Q0001KI2T Datasheet HTML 6Page - Micrel Semiconductor DSC400-1103Q0001KI2T Datasheet HTML 7Page - Micrel Semiconductor DSC400-1103Q0001KI2T Datasheet HTML 8Page - Micrel Semiconductor DSC400-1103Q0001KI2T Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
______________________________________________________________________________________________________________________________________________
DSC400
Page 2
DSC400 Configurable Four Output, Low Jitter Crystal-less™ Clock Generator
Pin Description
Pin
No.
Pin
Name
Pin
Type
Description
1
OE1
I
Output Enable for Bank1 (CLK0 and CLK3); active high – See Table 1
2
NC
NA
Leave unconnected or connect to ground
3
VSS
Power Ground
4
VSS
Power Ground
5
CLK0-
O
Complement output of differential pair 0 (off when in LVCMOS format)
6
CLK0+
O
True output of differential pair 0 or LVCMOS output 0
7
CLK1-
O
Complement output of differential pair 1 (off when in LVCMOS format)
8
CLK1+
O
True output of differential pair 1 or LVCMOS output 1
9
VDD2
Power Power Supply for Bank2 (CLK1 and CLK2)
10
FSB2
I
Input for selecting pre-configured frequencies on Bank2 (CLK1 and CLK2)
11
OE2
I
Output Enable for Bank2 (CLK1 and CLK2); active high – See Table 1
12
NC
NA
Leave unconnected or connect to ground
13
VSS
Power Ground
14
VSS
Power Ground
15
CLK2-
O
Complement output of differential pair 2 (off when in LVCMOS format)
CLK2+
O
True output of differential pair 2 or LVCMOS output 2
17
CLK3-
O
Complement output of differential pair 3 (off when in LVCMOS format)
18
CLK3+
O
True output of differential pair 3 or LVCMOS output 3
19
VDD1
Power Power Supply for Bank1 (CLK0 and CLK3)
20
FSB1
I
Input for selecting pre-configured frequencies on Bank1 (CLK0 and CLK3)
Pin Diagram
20 QFN 5.0 × 3.2mm


Similar Part No. - DSC400-1103Q0001KI2T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC400-1103Q0001KI2T MICROCHIP-DSC400-1103Q0001KI2T Datasheet
258Kb / 20P
   Configurable Four Output, Low Jitter Crystal-less??Clock Generator
06/23/16
More results

Similar Description - DSC400-1103Q0001KI2T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC400 MICROCHIP-DSC400 Datasheet
258Kb / 20P
   Configurable Four Output, Low Jitter Crystal-less??Clock Generator
06/23/16
DSA400 MICROCHIP-DSA400 Datasheet
889Kb / 20P
   Configurable Four Output, Low Jitter Clock Generator for Automotive
02/28/20
logo
Micrel Semiconductor
DSC2311 MICREL-DSC2311 Datasheet
632Kb / 5P
   Crystal-less??Configurable Two Output Clock Generator
logo
Microchip Technology
DSC2311 MICROCHIP-DSC2311 Datasheet
228Kb / 18P
   Crystal-less??Configurable Two-Output Clock Generator
06/23/16
logo
Micrel Semiconductor
DSC2311KM1-R0036 MICREL-DSC2311KM1-R0036 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
DSC2011FI2-F0016 MICREL-DSC2011FI2-F0016 Datasheet
594Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0008 MICREL-DSC2010FE2-B0008 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2010FE2-B0003 MICREL-DSC2010FE2-B0003 Datasheet
591Kb / 6P
   Crystal-less??Configurable Clock Generator
DSC2311KI2-R0045 MICREL-DSC2311KI2-R0045 Datasheet
573Kb / 5P
   Crystal-less??Configurable Clock Generator
logo
Microchip Technology
DSC2123FI2-E0024 MICROCHIP-DSC2123FI2-E0024 Datasheet
1Mb / 7P
   Crystal-less??Configurable Clock Generator
November 01, 2017 Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com