Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF16C60 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # UF16C60
Description  Utra Fast Recovery Rectifier Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

UF16C60 Datasheet(HTML) 1 Page - Mospec Semiconductor

  UF16C60 Datasheet HTML 1Page - Mospec Semiconductor UF16C60 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MOSPEC
UF16C60
Utra Fast Recovery Rectifier Diodes
Designed for use in switching power supplies. inverters and as free wheeling
diodes. These state-of-the-art devices have the following features:
Low TRR
High Surge Capacity
Low Power Loss, High efficiency
175℃ Operating Junction Temperature
Low Forward Voltage , High Frequency
High-Switching Speed 21(typ.) Nanosecond Recovery Time
Plastic Material used Carries Underwriters Laboratory
In compliance with EU RoHs 2002/95/EC directives
MAXIMUM RATINGS
Characteristic
Symbol
UF16C60
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
600
V
RMS Reverse Voltage
VR(RMS)
420
V
Average Rectifier Forward Current ( per diode )
Total Device (Rated VR), TC=125℃
IF(AV)
8
16
A
Peak Repetitive Forward Current
(Rate VR, Square Wave, 20kHz,TC=125℃)
IFM
8.0
A
Non-Repetitive Peak Surge Current (Surge applied at
rate load conditions half-wave, single phase, 60Hz)
IFSM
150
A
Operating and Storage Junction Temperature Range
TJ , Tstg
-65 to +175
THERMAL RESISTANCES
Typical Thermal Resistance junction to case
Rθjc
4.2
/w
ELECTRIAL CHARACTERISTICS
Characteristic
Symbol
Min
Type
Max.
Unit
Maximum Instantaneous Forward Voltage ( per diode )
( IF =8 Amp TC = 25℃)
VF
--
1.85
2.2
V
Maximum Instantaneous Reverse Current
( Rated DC Voltage, TC = 25℃)
( Rated DC Voltage, TC = 100℃)
IR
--
--
--
--
25
5
uA
mA
Reverse Recovery Time
( IF = 0.5 A, IR =1.0 , Irr =0.25 A )
Trr
--
18
25
ns
ULTRA FAST
RECTIFIERS
16 AMPERES
600 VOLTS
TO-220AB
MILLIMETERS
DIM
MIN
MAX
A
14.68
15.32
B
9.78
10.42
C
5.02
6.52
D
13.06
14.62
E
3.57
4.07
F
2.42
2.66
G
1.12
1.36
H
0.72
0.96
I
4.22
4.98
J
1.14
1.38
K
2.20
2.98
L
0.33
0.55
M
2.48
2.98
O
3.70
3.90
Common Cathode
Suffix “C”


Similar Part No. - UF16C60

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
UF16C60 FCI-UF16C60 Datasheet
143Kb / 2P
   16 Amp ULTRAFAST SWITCHMODE POWER PLASTIC RECTIFIERS Mechanical Dimensions
UF16C60 FCI-UF16C60 Datasheet
1Mb / 2P
   16 Amp ULTRAFAST SWITCH MODEPOWER PLASTICRECTIFIERS HIGH SURGE CAP ABILITY
logo
Thinki Semiconductor Co...
UF16C60A THINKISEMI-UF16C60A Datasheet
265Kb / 2P
   16.0 Ampere Heatsink Dual Common Anode Ultra Fast Recovery Rectifiers
UF16C60C THINKISEMI-UF16C60C Datasheet
265Kb / 2P
   16.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
UF16C60D THINKISEMI-UF16C60D Datasheet
266Kb / 2P
   16.0 Ampere Heatsink Dual Doubler Polarity Ultra Fast Recovery Rectifiers
More results

Similar Description - UF16C60

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
UF10A60 MOSPEC-UF10A60 Datasheet
200Kb / 2P
   Utra Fast Recovery Rectifier Diodes
UF15A60 MOSPEC-UF15A60 Datasheet
199Kb / 2P
   Utra Fast Recovery Rectifier Diodes
UF30C60 MOSPEC-UF30C60 Datasheet
198Kb / 2P
   Utra Fast Recovery Rectifier Diodes
U05A05 MOSPEC-U05A05 Datasheet
173Kb / 2P
   Utra Fast Recovery Rectifier Diodes
UF20C60 MOSPEC-UF20C60 Datasheet
200Kb / 2P
   Utra Fast Recovery Rectifier Diodes
UF08A60 MOSPEC-UF08A60 Datasheet
188Kb / 2P
   Utra Fast Recovery Rectifier Diodes
U05A30 MOSPEC-U05A30 Datasheet
191Kb / 2P
   Utra Fast Recovery Rectifier Diodes
logo
EIC discrete Semiconduc...
FR201 EIC-FR201 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
MR850 EIC-MR850 Datasheet
47Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
RU2 EIC-RU2 Datasheet
39Kb / 2P
   FAST RECOVERY RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com