Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ST26C32 Datasheet(PDF) 6 Page - Exar Corporation

Part No. ST26C32
Description  QUAD RS-422, RS-423 CMOS Differential Line Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

ST26C32 Datasheet(HTML) 6 Page - Exar Corporation

  ST26C32 Datasheet HTML 1Page - Exar Corporation ST26C32 Datasheet HTML 2Page - Exar Corporation ST26C32 Datasheet HTML 3Page - Exar Corporation ST26C32 Datasheet HTML 4Page - Exar Corporation ST26C32 Datasheet HTML 5Page - Exar Corporation ST26C32 Datasheet HTML 6Page - Exar Corporation ST26C32 Datasheet HTML 7Page - Exar Corporation ST26C32 Datasheet HTML 8Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ST26C32
6
Rev. 1.01
16 LEAD PLASTIC DUAL-IN-LINE
(300 MIL PDIP)
Rev. 1.00
16
1
9
8
D
e
B1
A1
E1
E
A
L
B
Seating
Plane
SYMBOL
MIN
MAX
MIN
MAX
INCHES
A
0.145
0.210
3.68
5.33
A1
0.015
0.070
0.38
1.78
A2
0.115
0.195
2.92
4.95
B
0.014
0.024
0.36
0.56
B1
0.030
0.070
0.76
1.78
C
0.008
0.014
0.20
0.38
D
0.745
0.840
18.92
21.34
E
0.300
0.325
7.62
8.26
E1
0.240
0.280
6.10
7.11
e
0.100 BSC
2.54 BSC
eA
0.300 BSC
7.62 BSC
eB
0.310
0.430
7.87
10.92
L
0.115
0.160
2.92
4.06
α
0
°
15
°
0
°
15
°
MILLIMETERS
α
A2
C
Note: The control dimension is the inch column
eB
eA


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
DS26LV32AT 3V Enhanced CMOS Quad Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
DS34C86T Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
DS34LV86T 3V Enhanced CMOS Quad Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
DS90LV032A 3V LVDS Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
SP432 High Speed Low Power Quad RS-422 Differential Line Receiver 1  2  3  4  5  More Sipex Corporation
DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
ST34C86 CMOS QUAD 3-STATE DIFFERENTIAL LINE RECEIVER 1  2  3  4  5  More STMicroelectronics
DS3486 Quad RS-422 RS-423 Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
MNDS90C032-X-RH LVDS Quad CMOS Differential Line Receiver 1  2  3  4  5  More National Semiconductor (TI)
SP26LV432 High Speed Low Power Quad RS-422 Differential Line Receiver 1  2  3  4  5  More Sipex Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn