Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2469 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2469
Description  Monolothic Triple 9nS High Gain CRT Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2469 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2469 Datasheet HTML 1Page - National Semiconductor (TI) LM2469 Datasheet HTML 2Page - National Semiconductor (TI) LM2469 Datasheet HTML 3Page - National Semiconductor (TI) LM2469 Datasheet HTML 4Page - National Semiconductor (TI) LM2469 Datasheet HTML 5Page - National Semiconductor (TI) LM2469 Datasheet HTML 6Page - National Semiconductor (TI) LM2469 Datasheet HTML 7Page - National Semiconductor (TI) LM2469 Datasheet HTML 8Page - National Semiconductor (TI) LM2469 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Absolute Maximum Ratings (Notes 1, 3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage, V
CC
+90V
Bias Voltage, V
BB
+16V
Input Voltage, V
IN
0V to 4.5V
Storage Temperature Range, T
STG
-65˚C to +150˚C
Lead Temperature (Soldering,
<10sec.)
300˚C
ESD Tolerance, Human Body Model
2kV
Limits of Operating Ranges (Note 2)
V
CC
+60V to +85V
V
BB
+8V to 15V
V
IN
0V to +3.75V
V
OUT
+15V to +75V
Case Temperature
-20˚C to +100˚C
Do not operate the part without a heat sink.
Electrical Characteristics
(See Figure 3 for Test Circuit)
Unless otherwise noted: V
CC = +80V, VBB = +12V, CL = 8pF, TC = 50˚C.
DC Tests: V
IN = +2.25VDC
AC Tests: Output = 40V
PP (25V - 65V) at 1MHz
Symbol
Spec Parameter
Conditions
Min
Typ
Max
Units
I
CC
Supply Current
Per Channel, No Input Signal, No
Output Load
812
mA
I
BB
Bias Current
All three Channels
15
25
mA
V
OUT
DC Output Voltage
No AC Input Signal, V
IN = 1.25V
62
65
68
V
DC
A
V
DC Voltage Gain
No AC Input Signal
-18
-20
-22
∆A
V
Gain Matching
Note 4, No AC Input Signal
1.0
dB
LE
Linearity Error
Note 4, 5, No AC Input Signal
5
%
t
R
Rise Time
Note 6, 10% to 90%
9.5
nS
t
F
Fall Time
Note 6, 90% to 10%
10.5
nS
OS
Overshoot
Note 6
5
%
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Note 2: Operating Ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and
the test conditions, see the Electrical Characteristics. The guaranteed specifications apply only for the test conditions listed. Some performance characteristics may
change when the device is not operated under the listed test conditions.
Note 3: All voltages are measured with respect to GND, unless otherwise specified.
Note 4: Calculated value from Voltage Gain test on each channel.
Note 5: Linearity Error is the variation in DC Gain from Vin = 1.0 volts to Vin = 3.5 volts.
Note 6: Input from signal generator: tR,tF < 1nS.
AC Test Circuit
DS200006-3
FIGURE 3. Test Circuit (One Channel)
www.national.com
2


Similar Part No. - LM2469

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2469 NSC-LM2469 Datasheet
1Mb / 43P
   150 MHz I2C Compatible RGB Preamplifier with Internal 254 Character OSD ROM, 512 Character RAM and 4 DACs
More results

Similar Description - LM2469

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2468 NSC-LM2468 Datasheet
432Kb / 9P
   Monolothic Triple 14nS High Gain CRT Driver
LM2465 NSC-LM2465 Datasheet
425Kb / 12P
   Monolithic Triple 5.5 ns High Gain CRT Driver
logo
Calogic, LLC
CVA1405T CALOGIC-CVA1405T Datasheet
66Kb / 4P
   Triple CRT Driver
CVA2407T CALOGIC-CVA2407T Datasheet
35Kb / 3P
   Triple CRT Driver
CVA2408T CALOGIC-CVA2408T Datasheet
38Kb / 3P
   Triple CRT Driver
CVA1404T CALOGIC-CVA1404T Datasheet
68Kb / 4P
   Triple CRT Driver
CVA2404T CALOGIC-CVA2404T Datasheet
48Kb / 3P
   Triple CRT Driver
CVA1406T CALOGIC-CVA1406T Datasheet
49Kb / 3P
   High Voltage Triple CRT Driver
CVA6627S CALOGIC-CVA6627S Datasheet
47Kb / 4P
   Triple 140MHz CRT Driver
CVA6629S CALOGIC-CVA6629S Datasheet
72Kb / 9P
   Triple 180MHz CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com