Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSN1N45B Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # SSN1N45B
Description  450V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SSN1N45B Datasheet(HTML) 2 Page - Fairchild Semiconductor

  SSN1N45B Datasheet HTML 1Page - Fairchild Semiconductor SSN1N45B Datasheet HTML 2Page - Fairchild Semiconductor SSN1N45B Datasheet HTML 3Page - Fairchild Semiconductor SSN1N45B Datasheet HTML 4Page - Fairchild Semiconductor SSN1N45B Datasheet HTML 5Page - Fairchild Semiconductor SSN1N45B Datasheet HTML 6Page - Fairchild Semiconductor SSN1N45B Datasheet HTML 7Page - Fairchild Semiconductor SSN1N45B Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Rev. A, November 2002
©2002 Fairchild Semiconductor Corporation
Electrical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 75mH, IAS = 1.6A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 0.5A, di/dt ≤ 300A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width ≤ 300
µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
6. a) Reference point of the R
θJL is the drain lead
b) When mounted on 3”x4.5” FR-4 PCB without any pad copper in a still air environment
(R
θJA is the sum of the junction-to-case and case-to-ambient thermal resistance. RθCA is determined by the user’s board design)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
450
--
--
V
∆BV
DSS
/
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
0.5
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 450 V, VGS = 0 V
--
--
10
µA
VDS = 360 V, TC = 125°C
--
--
100
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 50 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -50 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
2.3
3.0
3.7
V
VDS = VGS, ID = 250 mA
3.5
4.2
4.9
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 0.25 A
--
3.4
4.25
gFS
Forward Transconductance
VDS = 50 V, ID = 0.25 A
--
0.7
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
185
240
pF
Coss
Output Capacitance
--
29
40
pF
Crss
Reverse Transfer Capacitance
--
6.5
8.5
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 225 V, ID = 0.5 A,
RG = 25 Ω
(Note 4,5)
--
7.5
25
ns
tr
Turn-On Rise Time
--
21
50
ns
td(off)
Turn-Off Delay Time
--
23
55
ns
tf
Turn-Off Fall Time
--
36
80
ns
Qg
Total Gate Charge
VDS = 360 V, ID = 0.5 A,
VGS = 10 V
(Note 4,5)
--
6.5
8.5
nC
Qgs
Gate-Source Charge
--
0.9
--
nC
Qgd
Gate-Drain Charge
--
3.2
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
0.5
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
4.0
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 0.5 A
--
--
1.4
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 0.5 A,
dIF / dt = 100 A/µs
(Note 4)
--
102
--
ns
Qrr
Reverse Recovery Charge
--
0.26
--
µC


Similar Part No. - SSN1N45B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SSN1N45BTA FAIRCHILD-SSN1N45BTA Datasheet
722Kb / 8P
   N-Channel B-FET 450 V, 0.5 A, 4.25 廓
More results

Similar Description - SSN1N45B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF6N45 FAIRCHILD-FQPF6N45 Datasheet
589Kb / 8P
   450V N-Channel MOSFET
FQP6N45 FAIRCHILD-FQP6N45 Datasheet
571Kb / 8P
   450V N-Channel MOSFET
SSM1N45B FAIRCHILD-SSM1N45B Datasheet
639Kb / 8P
   450V N-Channel MOSFET
FQB6N45 FAIRCHILD-FQB6N45 Datasheet
582Kb / 9P
   450V N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM1N45D TSC-TSM1N45D Datasheet
386Kb / 6P
   450V N-Channel Power MOSFET
TSM1N45 TSC-TSM1N45_10 Datasheet
475Kb / 9P
   450V N-Channel Power MOSFET
TSM1N45D TSC-TSM1N45D_12 Datasheet
459Kb / 8P
   450V N-Channel Power MOSFET
TSM1N45 TSC-TSM1N45 Datasheet
583Kb / 8P
   450V N-Channel Power MOSFET
logo
Zetex Semiconductors
ZXMN0545G4 ZETEX-ZXMN0545G4 Datasheet
212Kb / 6P
   450V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
ZXMN0545G4 DIODES-ZXMN0545G4_15 Datasheet
517Kb / 6P
   450V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com