Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN65518 Datasheet(PDF) 7 Page - Texas Instruments

Part No. SN65518
Description  VACUUM FLUORESCENT DISPLAY DRIVERS
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

SN65518 Datasheet(HTML) 7 Page - Texas Instruments

   
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SN65518, SN75518
VACUUM FLUORESCENT DISPLAY DRIVERS
SLDS004B – MARCH 1983 – REVISED MAY 1990
4–7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
tw(CKL)
VIH
VIL
tw(CKH)
50%
CLOCK
Valid
tsu
th
VIH
VIL
DATA IN
CLOCK
DATA
OUTPUT
VIH
tw(CKH)
50%
50%
td
50%
VIL
VOH
VOL
Figure 3. Input Timing Waveforms
Figure 4. Data Output Switching Times
tDLH or tDHL
3.5 V
0 V
50%
LATCH
ENABLE
Q Output
10%
VOH
VOL
90%
VOH
VOL
3.5 V
0 V
90%
10%
tTHL
tDHL
1.75 V
tTLH
tDLH
STROBE
Q Outputs
Figure 5. Q Output Switching Times
Figure 6. Switching Time Voltage Waveforms
† For testing purposes, all input pulses have maximum rise and fall times of 30 ns.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn