Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74V215 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # SN74V215
Description  512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74V215 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SN74V215 Datasheet HTML 8Page - Texas Instruments SN74V215 Datasheet HTML 9Page - Texas Instruments SN74V215 Datasheet HTML 10Page - Texas Instruments SN74V215 Datasheet HTML 11Page - Texas Instruments SN74V215 Datasheet HTML 12Page - Texas Instruments SN74V215 Datasheet HTML 13Page - Texas Instruments SN74V215 Datasheet HTML 14Page - Texas Instruments SN74V215 Datasheet HTML 15Page - Texas Instruments SN74V215 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
SN74V215, SN74V225, SN74V235, SN74V245
512
× 18, 1024 × 18, 2048 × 18, 4096 × 18
DSP-SYNC
 FIRST-IN, FIRST-OUT MEMORIES
SCAS636E – APRIL 2000 – REVISED SEPTEMBER 2002
12
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional description (continued)
Table 5. Truth Table for Configuration at Reset
FL
RXI
WXI
EF/OR
FF/IR
PAE, PAF
FIFO TIMING MODE
0
0
0
Single register-buffered
empty flag
Single register-buffered
full flag
Asynchronous
Standard
0
0
1
Triple register-buffered
output-ready flag
Double register-buffered
input ready flag
Asynchronous
FWFT
0
1
0
Double register-buffered
empty flag
Double register-buffered
full flag
Asynchronous
Standard
0†
1
1
Single register-buffered
empty flag
Single register-buffered
full flag
Asynchronous
Standard
1
0
0
Single register-buffered
empty flag
Single register-buffered
full flag
Synchronous
Standard
1
0
1
Triple register-buffered
output-ready flag
Double register-buffered
input ready flag
Synchronous
FWFT
1
1
0
Double register-buffered
empty flag
Double register-buffered
full flag
Synchronous
Standard
1‡
1
1
Single register-buffered
empty flag
Single register-buffered
full flag
Asynchronous
Standard
† In daisy-chain depth expansion, FL is held low for the first-load device. The RXI and WXI inputs are driven by the
corresponding RXO and WXO outputs of the preceding device.
‡ In daisy-chain depth expansion, FL is held high for members of the expansion other than the first-load device. The RXI and
WXI inputs are driven by the corresponding RXO and WXO outputs of the preceding device.
REGISTER-BUFFERED FLAG OUTPUT SELECTION
The SN74V215, SN74V225, SN74V235, and SN74V245 can be configured during the configuration-at-reset
cycle (see Table 7) with single, double, or triple register-buffered flag output signals. The various combinations
available are described in Table 6 and Table 7. In general, going from single to double or triple register-buffered
flag outputs removes the possibility of metastable flag indications on boundary states (empty or full conditions).
The tradeoff is the addition of clock-cycle delays for the respective flag to be asserted. Not all combinations of
register-buffered flag outputs are supported. Register-buffered outputs apply to the empty flag and full flag only.
Partial flags are not affected. Table 6 and Table 7 summarize the options available.
Table 6. Register-Buffered Flag Output Options, FWFT Mode
OUTPUT READY
(OR)
INPUT READY
(IR)
PARTIAL
FLAGS
PROGRAMMING
AT RESET
FLAG TIMING
DIAGRAMS
(OR)
(IR)
FLAGS
FL
RXI
WXI
DIAGRAMS
Triple
Double
Asynchronous
0
0
1
Figure 23
Triple
Double
Synchronous
1
0
1
Figure 16, Figure 17
Table 7. Register-Buffered Flag Output Options, Standard Mode
EMPTY FLAG
(EF)
FULL FLAG
(FF)
PARTIAL
FLAGS
PROGRAMMING AT
RESET
FLAG TIMING
DIAGRAMS
(EF)
BUFFERED OUTPUT
(FF)
BUFFERED OUTPUT
FLAGS
TIMING MODE
FL
RXI
WXI
DIAGRAMS
Single
Single
Asynchronous
0
0
0
Figure 5, Figure 6
Single
Single
Synchronous
1
0
0
Figure 5, Figure 6
Double
Double
Asynchronous
0
1
0
Figure 20, Figure 22
Double
Double
Synchronous
1
1
0
Figure 20, Figure 22


Similar Part No. - SN74V215

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74V215 TI-SN74V215 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215-10PAG TI-SN74V215-10PAG Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215-10PAG TI-SN74V215-10PAG Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215-15PAG TI-SN74V215-15PAG Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215-15PAG TI-SN74V215-15PAG Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
More results

Similar Description - SN74V215

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Integrated Device Techn...
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
Sharp Corporation
LH540235 SHARP-LH540235 Datasheet
369Kb / 46P
   2048 x 18 / 4096 x 18 Synchronous FIFOs
logo
Texas Instruments
SN74ACT7814-40DL TI1-SN74ACT7814-40DL Datasheet
525Kb / 16P
[Old version datasheet]   64 x 18 STROBED FIRST-IN, FIRST-OUT MEMORY
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
logo
Integrated Device Techn...
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
logo
Texas Instruments
SN74ALVC7804 TI-SN74ALVC7804 Datasheet
150Kb / 11P
[Old version datasheet]   512 횞 18 FIRST-IN, FIRST-OUT MEMORY
SN74ALVC7804 TI-SN74ALVC7804_07 Datasheet
241Kb / 13P
[Old version datasheet]   512 횞 18 FIRST-IN, FIRST-OUT MEMORY
logo
Integrated Device Techn...
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com