Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N9923A-308 Datasheet(PDF) 15 Page - Keysight Technologies

Part # N9923A-308
Description  Vector Network Analyzer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N9923A-308 Datasheet(HTML) 15 Page - Keysight Technologies

Back Button N9923A-308 Datasheet HTML 10Page - Keysight Technologies N9923A-308 Datasheet HTML 11Page - Keysight Technologies N9923A-308 Datasheet HTML 12Page - Keysight Technologies N9923A-308 Datasheet HTML 13Page - Keysight Technologies N9923A-308 Datasheet HTML 14Page - Keysight Technologies N9923A-308 Datasheet HTML 15Page - Keysight Technologies N9923A-308 Datasheet HTML 16Page - Keysight Technologies N9923A-308 Datasheet HTML 17Page - Keysight Technologies N9923A-308 Datasheet HTML 18Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
General Information (continued)
Description
Specification
Supplemental Information
Battery
10.8 V, 4.6 A–h
Lithium ion
Operating time
3.5 hours (typical)
Charge time
A fully discharged battery takes
about 1.5 hours to recharge to
80%, 4 hours to 100%
Discharge temperature limits1
–10 to 60 ºC, ≤ 85% RH
Charge temperature limits1
0 to 45 ºC, ≤ 85% RH
Storage temperature limits
–20 to 50 ºC1, ≤ 85% RH
The battery packs should be stored in an environment with low humid-
ity. Extended exposure to temperature above 45 ºC could degrade
battery performance and life
Data storage
Internal
Minimum 4 GB
Up to 1000 instrument states and trace
External
Supports USB 2.0 compatible memory devices; Supports microSD and
microSDHC memory cards
Display
6.5” transflective color VGA LED–
backlit
640 x 480 with anti–glare coating
Weight
2.7 kg (6.0 lbs) including battery
Dimensions (H x W x D)
292 x 188 x 72 mm
(11.5” x 7.4” x 2.8”)
Test ports
RF Port 1 or Port 2
Connector
Type–N, female
Impedance
50 Ω (nominal)
Damage level
> +23 dBm, > ±50 VDC
Headphone Jack Connector
3.5 mm (1/8 inch) miniature audio jack
USB
USB–A (2 ports)
Hi–speed USB 2.0
Mini USB (1 port)2
Hi–speed USB 2.0
Used for SCPI programming
LAN
100Base-T ONLY
10Base-T is NOT supported
External
RJ–45 connector
Programming
The built-in LAN interface and
firmware, support data transfer
and control via direct connection
to a LAN network.
1. Charge and discharge temperatures are internal temperatures of the battery as measured by a sensor embedded in the battery. The Battery screen
displays temperature information. To access the screen, select System ,
Service Diagnostics , and Battery
2. SCPI over USB is only available for N9923A with serial number prefix starting with MY5607/SG5607/US5607 and N9923A upgraded with Option
N9910HU-500.
15 | Keysight | N9923A FieldFox RF Vector Network Analyzer - Data Sheet


Similar Part No. - N9923A-308

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N9923A-330 KEYSIGHT-N9923A-330 Datasheet
2Mb / 18P
   N9923A FieldFox RF
More results

Similar Description - N9923A-308

ManufacturerPart #DatasheetDescription
logo
Keysight Technologies
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
   Vector Network Analyzer
logo
Mini-Circuits
EVNA-63++ MINI-EVNA-63+ Datasheet
1Mb / 16P
   Vector Network Analyzer
REV. A
logo
Keysight Technologies
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
N9923A KEYSIGHT-N9923A Datasheet
2Mb / 18P
   N9923A FieldFox RF Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
logo
National Instruments Co...
PXIE-5663 NI-PXIE-5663 Datasheet
1Mb / 8P
   Vector Signal Analyzer
logo
TEKTRONIX, INC.
TTR500 TEKTRONIX-TTR500 Datasheet
849Kb / 16P
   Vector Network Analyzers
logo
Analog Devices
ADL5960 AD-ADL5960 Datasheet
275Kb / 11P
   10 MHz to 20 GHz, Integrated Vector Network Analyzer Front-End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com