Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

N9923A-308 Datasheet(PDF) 9 Page - Keysight Technologies

Part No. N9923A-308
Description  Vector Network Analyzer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N9923A-308 Datasheet(HTML) 9 Page - Keysight Technologies

Back Button N9923A-308 Datasheet HTML 5Page - Keysight Technologies N9923A-308 Datasheet HTML 6Page - Keysight Technologies N9923A-308 Datasheet HTML 7Page - Keysight Technologies N9923A-308 Datasheet HTML 8Page - Keysight Technologies N9923A-308 Datasheet HTML 9Page - Keysight Technologies N9923A-308 Datasheet HTML 10Page - Keysight Technologies N9923A-308 Datasheet HTML 11Page - Keysight Technologies N9923A-308 Datasheet HTML 12Page - Keysight Technologies N9923A-308 Datasheet HTML 13Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Applies to N9923A with Option 112, QuickCal with load, IF bandwidth = 300 Hz, no averaging, 1-port female DUT, or 2-port female-
female DUT, data based on low port power of -40 dBm , 2-port QuickCal requires Option 122, typical performance.
Corrected performance
2 MHz to 4 GHz
Corrected performance
>4 GHz to 6 GHz
Directivity
38 dB
38 dB
Source match
33 dB
23 dB
Load match
37 dB
35 dB
Transmission tracking
±0.04 dB
±0.09 dB
Reflection tracking
±0.06 dB
±0.06 dB
0.1
1
10
100
-40
-30
-20
-10
0
10
20
30
40
Device Transmission Magnitude, |S21|, (dB)
Transmission Phase Uncertainty (S11=S22=0)
2MHz to 4 GHz
4 GHz to 6 GHz
Figure 8: Transmission uncertainty
1
10
100
1000
-40
-35
-30
-25
-20
-15
-10
-5
0
Device Reflection Magnitude, |S11|, (dB)
Reflection Phase Uncertainty (S21=S12=0)
2MHz to 4 GHz
4 GHz to 6 GHz
Figure 9: Reflection uncertainty
0.01
0.1
1
10
-40
-30
-20
-10
0
10
20
30
40
Device Transmission Magnitude, |S21|, (dB)
Transmission Magnitude Uncertainty (S11=S22=0)
2MHz to 4 GHz
4 GHz to 6 GHz
0.1
1
10
-40
-35
-30
-25
-20
-15
-10
-5
0
Device Reflection Magnitude, |S11|, (dB)
Reflection Magnitude Uncertainty (S21=S12=0)
2MHz to 4 GHz
4 GHz to 6 GHz
Corrected Measurement Uncertainty for N9923A (continued)
Corrected measurement uncertainty, 1- or 2-port QuickCal, low port power
9 | Keysight | N9923A FieldFox RF Vector Network Analyzer - Data Sheet


Similar Part No. - N9923A-308

ManufacturerPart No.DatasheetDescription
Keysight Technologies
Keysight Technologies
N9923A-330 KEYSIGHT-N9923A-330 Datasheet
2Mb / 18P
   N9923A FieldFox RF
More results

Similar Description - N9923A-308

ManufacturerPart No.DatasheetDescription
Keysight Technologies
Keysight Technologies
N9923A-112 KEYSIGHT-N9923A-112 Datasheet
2Mb / 18P
   Vector Network Analyzer
M9485A KEYSIGHT-M9485A_17 Datasheet
3Mb / 40P
   M9485A PXIe Multiport Vector Network Analyzer
M9485A KEYSIGHT-M9485A Datasheet
2Mb / 39P
   M9485A PXIe Multiport Vector Network Analyzer
M9309A KEYSIGHT-M9309A Datasheet
1Mb / 10P
   M9309A PXIe Vector Network Analyzer Synthesizer
N9923A KEYSIGHT-N9923A Datasheet
2Mb / 18P
   N9923A FieldFox RF Vector Network Analyzer
M9389A KEYSIGHT-M9389A Datasheet
1Mb / 13P
   M9389A PXIe Vector Network Analyzer Source
National Instruments Corporation
National Instruments Co...
PXIE-5663 NI-PXIE-5663 Datasheet
1Mb / 8P
   Vector Signal Analyzer
TEKTRONIX, INC.
TEKTRONIX, INC.
TTR500 TEKTRONIX-TTR500 Datasheet
849Kb / 16P
   Vector Network Analyzers
Keysight Technologies
Keysight Technologies
E5061B KEYSIGHT-E5061B Datasheet
3Mb / 35P
   Network Analyzer
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz